Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQW214S Datasheet (PDF) - Panasonic Semiconductor

AQW214S Datasheet PDF - Panasonic Semiconductor
Part # AQW214S
Download  AQW214S Download
File Size   75.0 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots

AQW214S Datasheet (PDF)

Go To PDF Page Download Datasheet
AQW214S Datasheet PDF - Panasonic Semiconductor

Part # AQW214S
Download  AQW214S Click to download

File Size   75.0 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots

AQW214S Datasheet (HTML) - Panasonic Semiconductor


AQW214S Product details

PhotoMOS® GU SOP 2 From A

Miniature SOP8-pin type of 60V/350V/400V load voltage



FEATURES

1. 2 channels in miniature SOP8-pin design

   The device comes in a super-miniature SO package measuring (W) 4.4 ×(L) 9.37 ×(H) 2.1 mm (W) .173×(L) .369 × (H) .083 inch—approx. 38% of the volume and 66% of the footprint size of

DIP8-pin type.

2. Controls low-level analog signals PhotoMOS feature extremely low closed circuit offset voltage to enable control of low-level analog signals without distortion.

3. Low-level off state leakage current of max. 1 µA



TYPICAL APPLICATIONS

• Measuring instruments

• Data communications

• Computers

• Industrial robots

• High-speed inspection machines.




Similar Part No. - AQW214S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQW214S ETC-AQW214S Datasheet
154Kb / 2P
HIGH VOLTAGE, PHOTO MOS RELAY
More results


Similar Description - AQW214S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF340-343 FAIRCHILD-IRF340-343 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
logo
Panasonic Semiconductor
AQY221R2S PANASONIC-AQY221R2S Datasheet
88Kb / 5P
Miniature SOP4-pin with C횞R10 40V load voltage
AQW212 PANASONIC-AQW212 Datasheet
78Kb / 3P
Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQV414 PANASONIC-AQV414 Datasheet
76Kb / 3P
Normally closed 6-pin type of 400V load voltage Measuring instruments
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
Miniature SOP4-pin type of 60V/350V/400V load voltage
logo
Coto Technology
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
logo
Panasonic Semiconductor
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
logo
Coto Technology
CT331 COTO-CT331 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 350V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
logo
Panasonic Semiconductor
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
DIP6-pin type featuring low on-resistance with 200V/400V load voltage
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com