Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXN530045G Datasheet (PDF) - Panasonic Semiconductor

AXN530045G Datasheet PDF - Panasonic Semiconductor
Part # AXN530045G
Download  AXN530045G Download
File Size   143.52 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Narrow pitch connectors (0.5mm pitch) Automatic Mounting

AXN530045G Datasheet (PDF)

Go To PDF Page Download Datasheet
AXN530045G Datasheet PDF - Panasonic Semiconductor

Part # AXN530045G
Download  AXN530045G Click to download

File Size   143.52 Kbytes
Page   7 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Narrow pitch connectors (0.5mm pitch) Automatic Mounting

AXN530045G Datasheet (HTML) - Panasonic Semiconductor




Similar Part No. - AXN530045G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN1000115S PANASONIC-AXN1000115S Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1300115P PANASONIC-AXN1300115P Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1300115S PANASONIC-AXN1300115S Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1400115P PANASONIC-AXN1400115P Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXN1400115S PANASONIC-AXN1400115S Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
More results


Similar Description - AXN530045G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
Narrow pitch connectors (0.8mm pitch)
AXN316038S PANASONIC-AXN316038S Datasheet
228Kb / 13P
Narrow pitch connectors (0.8mm pitch) Automatic mounting (excluding 11.5mm version)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
Narrow pitch connectors (0.5mm pitch)
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
Narrow pitch connectors (0.5mm pitch)
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
Narrow pitch connectors (0.4mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
Narrow pitch connectors (0.4mm pitch)
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
Narrow pitch connectors
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com