Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B72580T0600K062 Datasheet (PDF) - EPCOS

B72580T0600K062 Datasheet PDF - EPCOS
Part # B72580T0600K062
Download  B72580T0600K062 Download
File Size   137.22 Kbytes
Page   16 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMD Varistors

B72580T0600K062 Datasheet (PDF)

Go To PDF Page Download Datasheet
B72580T0600K062 Datasheet PDF - EPCOS

Part # B72580T0600K062
Download  B72580T0600K062 Click to download

File Size   137.22 Kbytes
Page   16 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SMD Varistors

B72580T0600K062 Datasheet (HTML) - EPCOS


B72580T0600K062 Product details

SMD multilayer transient voltage suppressors, standard series

Multilayer varistors (MLVs)
Standard series

Features
■ ESD acc. to IEC 61000-4-2 level 4 (8 kV contact, 15 kV air discharge)
■ Surge current up to 1200 A
■ Bidirectional protection
■ No derating up to 125°C (for case sizes ≥ 0603)
■ Fast response (< 0.5 ns)
■ RoHS-compatible
■ CT version suitable for lead-free soldering
■ PSpice simulation models available

Applications
■ ESD protection in mobile phones, cordless phones and accessories
■ ESD protection in data bus applications
■ ESD protection in control electronics, detectors and sensors, touch screens, plug-in cards, remote controls




Similar Part No. - B72580T0600K062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72580T0600K062 EPCOS-B72580T0600K062 Datasheet
129Kb / 15P
Multilayer technology
B72580T0600K062 EPCOS-B72580T0600K062 Datasheet
131Kb / 15P
SMD Varistors
B72580T0600K062 EPCOS-B72580T0600K062 Datasheet
3Mb / 55P
SMD multilayer varistors (MLVs), surge protection series
2021-11-26
More results


Similar Description - B72580T0600K062

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
Varistors
28-Apr-04
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
VARISTORS
logo
EPCOS
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
SMD Varistors
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
Varistors
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
SMD disk varistors standard series
SIOV-CT0603M4G EPCOS-SIOV-CT0603M4G Datasheet
131Kb / 15P
SMD Varistors
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
EPCOS
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
Low Voltage SMD Varistors
08/19/2019
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com