Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMP04FS Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

AMP04FS Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # AMP04FS
Download  AMP04FS Download
File Size   327.61 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Single Supply Instrumentation Amplifier

AMP04FS Datasheet (PDF)

Go To PDF Page Download Datasheet
AMP04FS Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # AMP04FS
Download  AMP04FS Click to download

File Size   327.61 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Single Supply Instrumentation Amplifier

AMP04FS Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


AMP04FS Product details

GENERAL DESCRIPTION
The AMP04 is a single-supply instrumentation amplifier designed to work over a +5 volt to ±15 volt supply range. It offers an excellent combination of accuracy, low power consumption, wide input voltage range, and excellent gain performance.
Gain is set by a single external resistor and can be from 1 to 1000. Input common-mode voltage range allows the AMP04 to handle signals with full accuracy from ground to within 1 volt of the positive supply. And the output can swing to within 1 volt of the positive supply. Gain bandwidth is over 700 kHz. In addition to being easy to use, the AMP04 draws only 700 µA of supply current.
For high resolution data acquisition systems, laser trimming of low drift thin-film resistors limits the input offset voltage to under 150 µV, and allows the AMP04 to offer gain nonlinearity of 0.005% and a gain tempco of 30 ppm/°C.
A proprietary input structure limits input offset currents to less than 5 nA with drift of only 8 pA/°C, allowing direct connection of the AMP04 to high impedance transducers and other signal sources.

FEATURES
  Single Supply Operation
  Low Supply Current: 700 μA Max
  Wide Gain Range: 1 to 1000
  Low Offset Voltage: 150 μV Max
  Zero-In/Zero-Out
  Single-Resistor Gain Set
  8-Lead Mini-DIP and SO Packages
 
APPLICATIONS
  Strain Gages
  Thermocouples
  RTDs
  Battery-Powered Equipment
  Medical Instrumentation
  Data Acquisition Systems
  PC-Based Instruments
  Portable Instrumentation




Similar Part No. - AMP04FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04FS AD-AMP04FS Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
AMP04FS AD-AMP04FS Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04FS AD-AMP04FS Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
AMP04FS-REEL AD-AMP04FS-REEL Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
AMP04FS-REEL AD-AMP04FS-REEL Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
More results


Similar Description - AMP04FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com