Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT489 Datasheet (PDF) - Diodes Incorporated

FMMT489 Datasheet PDF - Diodes Incorporated
Part # FMMT489
Download  FMMT489 Download
File Size   54.77 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT489 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT489 Datasheet PDF - Diodes Incorporated

Part # FMMT489
Download  FMMT489 Click to download

File Size   54.77 Kbytes
Page   1 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR

FMMT489 Datasheet (HTML) - Diodes Incorporated


FMMT489 Product details

Features
• BVCEO > 30V
• IC = 1A high Continuous Collector Current
• ICM Up to 4A Peak Pulse Current
• Excellent hFE Characteristics Up To 4A
• RSAT = 175mΩ @ 1A for a Low Equivalent On-Resistance
• Low Saturation Voltage < 300mV @ 1A
• 500mW Power Dissipation
• Complementary PNP Type: FMMT589
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FMMT489

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT489 ZETEX-FMMT489 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Diodes Incorporated
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT489 DIODES-FMMT489_15 Datasheet
248Kb / 7P
30V NPN MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results


Similar Description - FMMT489

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT449 DIODES-FMMT449 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT494 DIODES-FMMT494 Datasheet
131Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT449TA DIODES-FMMT449TA Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCX41 DIODES-BCX41_15 Datasheet
49Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
AUGUST 2003
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com