Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPL-C87A Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-C87A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-C87A
Download  ACPL-C87A Download
File Size   128.83 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optically Isolated Voltage Sensor

ACPL-C87A Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-C87A Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C87A
Download  ACPL-C87A Click to download

File Size   128.83 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Precision Optically Isolated Voltage Sensor

ACPL-C87A Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


ACPL-C87A Product details

Description

The ACPL-C87B/C87A/C870 voltage sensors are optical isolation amplifi ers designed specifically for voltage sensing. Its 2 V input range and high 1GΩ input impe dance, makes it well suited for isolated voltage sensing

requirements in electronic power converters applications including motor drives and renewable energy systems.



Features

Advanced Sigma-Delta (Σ - Δ) Modulation Technology

Unity Gain 1 V/V, ±0.5% High Gain Accuracy (ACPL-C87B)

1 GΩInput Impedence

0 to 2 V Nominal Input Range

-35 ppm/°C Low Gain Drift

21μV /°C Offset Voltage Drift

0.1% Non-Linearity Max

Active-High Shutdown Pin

100 kHz Wide Bandwidth

3 V to 5.5 V Wide Supply Range for Output Side

-40° C to +105° C Operating Temperature Range

15 kV/s Common-Mode Transient Immunity

Compact, Auto-Insertable Stretched SO-8 Package

Safety and Regulatory Approvals (pending):

  – IEC/EN/DIN EN 60747-5-5: 1230 Vpeak working insulation voltage

  –  UL 1577: 5000 Vrms/1 min double protection rating

  –  CSA: Component Acceptance Notice #5



ㅁpplications

Isolated Voltage Sensing in AC and Servo Motor Drives

Isolated DC-Bus Voltage Sensing in Solar Inverters, Wind Turbine Inverters

Isolated Sensor Interfaces

Signal Isolation in Data Acquisition Systems

General Purpose Voltage Isolation




Similar Part No. - ACPL-C87A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A AVAGO-ACPL-C87A Datasheet
559Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACPL-C87A BOARDCOM-ACPL-C87A Datasheet
1Mb / 16P
Precision Optically Isolated Voltage Sensor
logo
Abracon Corporation
ACPL-C87A ABRACON-ACPL-C87A Datasheet
910Kb / 16P
Precision Optically Isolated Voltage Sensor
September 16, 2024
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
More results


Similar Description - ACPL-C87A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87B-000E AVAGO-ACPL-C87B-000E Datasheet
559Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
Fairchild Semiconductor
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA135 IXYS-LIA135 Datasheet
252Kb / 13P
Low Voltage Optically Isolated Error Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-C87A-000E AVAGO-ACPL-C87A-000E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
ACPL-C87A-500E AVAGO-ACPL-C87A-500E Datasheet
150Kb / 14P
Precision Optically Isolated Voltage Sensor
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
ACPL-C87B BOARDCOM-ACPL-C87B Datasheet
1Mb / 16P
Precision Optically Isolated Voltage Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com