Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7961 Datasheet (PDF) - Analog Devices

AD7961 Datasheet PDF - Analog Devices
Part # AD7961
Download  AD7961 Download
File Size   814.69 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 5 MSPS PulSAR Differential ADC

AD7961 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7961 Datasheet PDF - Analog Devices

Part # AD7961
Download  AD7961 Click to download

File Size   814.69 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 18-Bit, 5 MSPS PulSAR Differential ADC

AD7961 Datasheet (HTML) - Analog Devices


AD7961 Product details

GENERAL DESCRIPTION
The AD7960 is an 18-bit, 5 MSPS, charge redistribution successive approximation (SAR), analog-to-digital converter (ADC). The SAR architecture allows unmatched performance both in noise and in linearity. The AD7960 contains a low power, high speed, 18-bit sampling ADC, an internal conversion clock, and an internal reference buffer. On the CNV± edge, the AD7960 samples the voltage difference between the IN+ and IN− pins.

FEATURES
   Throughput: 5 MSPS
   18-bit resolution with no missing codes
   Excellent ac and dc performance
      Dynamic range: 100 dB
      SNR: 99 dB
      THD: −117 dB
      INL: ±0.8 LSB (typical), ±2 LSB (maximum)
      DNL: ±0.5 LSB (typical), ±0.99 LSB (maximum)
   True differential analog input voltage range: ±4.096 V or ±5 V
   Low power dissipation
      46.5 mW at 5 MSPS with external reference buffer
         (echoed clock mode)
      64.5 mW at 5 MSPS with internal reference buffer
         (echoed clock mode)
      39 mW at 5 MSPS with external reference buffer
         (self clocked mode, CNV± in CMOS mode)
   SAR architecture
      No latency/pipeline delay
   External reference options: 2.048 V buffered to 4.096 V (internal
      reference buffer), 4.096 V, and 5 V
   Serial LVDS interface
      Self clocked mode
      Echoed clock mode
      LVDS or CMOS option for conversion control (CNV± signal)
   Operating temperature range of −40°C to +85°C
   32-lead, 5 mm × 5 mm LFCSP (QFN)

APPLICATIONS
   Digital imaging systems
      Digital X-rays
      Computed tomography
      IR cameras
      MRI gradient control
   High speed data acquisition
   Spectroscopy
   Test equipment




Similar Part No. - AD7961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7960 AD-AD7960 Datasheet
503Kb / 5P
Devices Connected
Rev. 0
More results


Similar Description - AD7961

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7982 AD-AD7982 Datasheet
416Kb / 23P
18-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7952 AD-AD7952 Datasheet
868Kb / 32P
14-Bit, 1 MSPS, Differential, Programmable Input PulSAR ADC
REV. 0
AD7626 AD-AD7626_09 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. 0
AD7626 AD-AD7626_10 Datasheet
1Mb / 28P
16-Bit, 10 MSPS, PulSAR Differential ADC
REV. A
AD7625BCPZ AD-AD7625BCPZ Datasheet
673Kb / 24P
16-Bit, 6 MSPS, PulSAR Differential ADC
REV. A
AD7643 AD-AD7643_15 Datasheet
683Kb / 28P
18-Bit, 1.25 MSPS PulSAR
REV. 0
AD7626 AD-AD7626_17 Datasheet
1Mb / 30P
16-Bit, 10 MSPS, PulSAR Differential ADC
Rev. D
AD7625 AD-AD7625_17 Datasheet
1,008Kb / 25P
16-Bit, 6 MSPS, PulSAR Differential ADC
23-Feb-2017
AD7952 AD-AD7952_17 Datasheet
606Kb / 33P
1 MSPS, Differential, Programmable Input PulSAR ADC
23-Feb-2017
AD7643 AD-AD7643 Datasheet
530Kb / 29P
18-Bit, 1.25 MSPS PulSAR ADC
14-Apr-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com