Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFOS1695B3SM Datasheet (PDF) - Panasonic Semiconductor

EFOS1695B3SM Datasheet PDF - Panasonic Semiconductor
Part # EFOS1695B3SM
Download  EFOS1695B3SM Download
File Size   256.99 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant

EFOS1695B3SM Datasheet (PDF)

Go To PDF Page Download Datasheet
EFOS1695B3SM Datasheet PDF - Panasonic Semiconductor

Part # EFOS1695B3SM
Download  EFOS1695B3SM Click to download

File Size   256.99 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Ceramic Res o na tors, Chip Type (3 Array Type) RoHS compliant

EFOS1695B3SM Datasheet (HTML) - Panasonic Semiconductor


EFOS1695B3SM Product details

■ Features
● Encased in a ceramic package
● High reliability against soldering heat and mechanical stress
● Moisture-proof sealing
● 1.2 mm maximum (SS/SM/BM/JM),
● Designed for reflow soldering
● Flat-bottom plate for better mountings
● Simplifies oscillation circuits by reducing the number of circuit parts
● RoHS compliant

■ Recommended Applications
● Clock generator for microprocessors
● Carrier circuit between telecommunication equipment
   (Telephone to telephone, personal computer to printer)
  
■ Handling Precautions (See Page 175 to 176)
■ Packaging Specifications
   See Page 169 to 177




Similar Part No. - EFOS1695B3SM

ManufacturerPart #DatasheetDescription
logo
AEL Crystals Ltd
EFOS1695B3 AEL-EFOS1695B3 Datasheet
149Kb / 1P
Chip Ceramic Resonators General Purpose
EFOS1695B3 AEL-EFOS1695B3 Datasheet
166Kb / 1P
Chip Ceramic Resonators Built-In Capacitors
More results


Similar Description - EFOS1695B3SM

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
JUR1112LU STANLEY-JUR1112LU Datasheet
246Kb / 11P
PLCC Side Viewing Type LED RoHS Compliant
SW1141CX STANLEY-SW1141CX Datasheet
281Kb / 11P
1608 (h=0.70mm) Type White LED RoHS compliant
logo
Panasonic Semiconductor
EFO-BM2005E5 PANASONIC-EFO-BM2005E5 Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type (3 Array Type)
ECJ-RVB1H682M PANASONIC-ECJ-RVB1H682M Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors (4 Array Type)
logo
YAGEO Corporation
YC164-FR-0710KL YAGEO-YC164-FR-0710KL Datasheet
338Kb / 8P
ARRAY CHIP RESISTORS YC/TC 164 (8Pin/4R) RoHS compliant
logo
Panasonic Semiconductor
ECJ-RVC1H470K PANASONIC-ECJ-RVC1H470K Datasheet
195Kb / 4P
Multilayer Ceramic Capacitors(4 Array Type)
EFO-S8004E5 PANASONIC-EFO-S8004E5 Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type
logo
Pacific Silicon Sensor,...
EFO-S4004E5 PACIFIC-EFO-S4004E5 Datasheet
256Kb / 5P
Ceramic Res o na tors, Chip Type
logo
List of Unclassifed Man...
DSP-15P ETC2-DSP-15P Datasheet
167Kb / 1P
Panel RoHS Compliant NA
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
Wirewound Type Common Mode Filter (RoHS Compliant)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com