Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7150 Datasheet (PDF) - Analog Devices

AD7150 Datasheet PDF - Analog Devices
Part # AD7150
Download  AD7150 Download
File Size   986.35 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing

AD7150 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7150 Datasheet PDF - Analog Devices

Part # AD7150
Download  AD7150 Click to download

File Size   986.35 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing

AD7150 Datasheet (HTML) - Analog Devices


AD7150 Product details

GENERAL DESCRIPTION
The AD7150 delivers a complete signal processing solution for capacitive proximity sensors, featuring an ultralow power converter with fast response time. The AD7151 is a single-channel, lower power alternative to the AD7150.

FEATURES
   Ultralow power
      2.7 V to 3.6 V, 100 μA
   Response time: 10 ms
   Adaptive environmental compensation
   2 independent capacitance input channels
      Sensor capacitance (CSENS) 0 pF up to 13 pF
      Sensitivity to 1 fF
   EMC tested
   2 modes of operation
      Standalone with fixed settings
      Interfaced to a microcontroller for user-defined settings
   2 proximity detection output flags
   2-wire serial interface (I2C compatible)
   Operating temperature
      −40°C to +85°C
   10-lead MSOP package
  
APPLICATIONS
   Proximity sensing
   Contactless switching
   Position detection
   Level detection




Similar Part No. - AD7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7150 AD-AD7150 Datasheet
373Kb / 28P
Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
Rev. A
AD7150BRMZ AD-AD7150BRMZ Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7150BRMZ AD-AD7150BRMZ Datasheet
373Kb / 28P
Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
Rev. A
AD7150BRMZ-REEL AD-AD7150BRMZ-REEL Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
More results


Similar Description - AD7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151 AD-AD7151 Datasheet
518Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
11/07-Revision 0
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
2 Channel Ultra low capacitance ESD Protection
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com