Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8062 Datasheet (PDF) - Analog Devices

AD8062 Datasheet PDF - Analog Devices
Part # AD8062
Download  AD8062 Download
File Size   924.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Current-Output, Serial-Input, 16-/14-Bit DACs

AD8062 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8062 Datasheet PDF - Analog Devices

Part # AD8062
Download  AD8062 Click to download

File Size   924.28 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, Current-Output, Serial-Input, 16-/14-Bit DACs

AD8062 Datasheet (HTML) - Analog Devices


AD8062 Product details

PRODUCT OVERVIEW
The AD5545/AD5555 are 16-bit/14-bit, current-output, digital=to-analog converters designed to operate from a 4.5 V to 5.5 V supply range.

FEATURES
    16-bit resolution AD5545
    14-bit resolution AD5555
    ±1 LSB DNL monotonic
    ±1 LSB INL
    2 mA full-scale current ±20%, with VREF = 10 V
    0.5 µs settling time
    2Q multiplying reference-input 6.9 MHz BW
    Zero or midscale power-up preset
    Zero or midscale dynamic reset
    3-wire interface
    Compact 16-lead TSSOP package

APPLICATIONS
    Automatic test equipment
    Instrumentation
    Digitally controlled calibration
    Industrial control PLCs
    Programmable attenuator




Similar Part No. - AD8062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8062 AD-AD8062 Datasheet
314Kb / 16P
Low-Cost, 300 MHz Rail-to-Rail Amplifiers
5/01-REV.C
AD8062 AD-AD8062 Datasheet
452Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8062 AD-AD8062 Datasheet
530Kb / 20P
Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8062 AD-AD8062 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD8062 AD-AD8062 Datasheet
405Kb / 20P
Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
More results


Similar Description - AD8062

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5544 AD-AD5544 Datasheet
473Kb / 16P
Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5543 AD-AD5543_12 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
Quad, Current-Output, Serial-Input 16-/14-Bit DACs
9/15-Rev. G to Rev. H
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
1/16-Rev. H to Rev. I
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com