Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8475ACPZ-WP Datasheet (PDF) - Analog Devices

AD8475ACPZ-WP Datasheet PDF - Analog Devices
Part # AD8475ACPZ-WP
Download  AD8475ACPZ-WP Download
File Size   554.78 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Selectable Gain, Fully Differential Funnel Amplifier

AD8475ACPZ-WP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8475ACPZ-WP Datasheet PDF - Analog Devices

Part # AD8475ACPZ-WP
Download  AD8475ACPZ-WP Click to download

File Size   554.78 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Selectable Gain, Fully Differential Funnel Amplifier

AD8475ACPZ-WP Datasheet (HTML) - Analog Devices


AD8475ACPZ-WP Product details

GENERAL DESCRIPTION
The AD8475 is a fully differential, attenuating amplifier with integrated precision gain resistors. It provides precision attenuation (by 0.4 or 0.8), common-mode level shifting, and single-ended-to-differential conversion along with input overvoltage protection. Power dissipation on a single 5 V supply is only 16 mW.
The AD8475 is a simple to use, fully integrated precision gain block, designed to process signal levels of up to ±10 V on a single supply. It provides a complete interface to make industrial level signals directly compatible with the differential input ranges of low voltage high performance 16-bit or 18-bit single-supply successive approximation (SAR) analog-to-digital converters (ADCs).
The AD8475 comes with two standard pin-selectable gain options: 0.4 and 0.8. The gain of the part is set by driving the input pin corresponding to the appropriate gain.
The AD8475 also provides overvoltage protection from large industrial input voltages up to ±15 V while operating on a single 5 V supply. The VOCM pin adjusts the output voltage common mode for precision level shifting, to match the ADC’s input range and maximize dynamic range.

FEATURES
   Precision attenuation: G = 0.4, G = 0.8
   Fully differential or single-ended input/output
   Differential output designed to drive precision ADCs
      Drives switched capacitor and Σ-Δ ADCs
      Rail-to-rail output
   VOCM pin adjusts output common-mode voltage
   Robust overvoltage protection up to ±15 V (VS = +5 V)
   Single supply: 3 V to 10 V
   Dual supplies: ±1.5 V to ±5 V
   High performance
      Suited for driving 18-bit converters up to 4 MSPS
      10 nV/√Hz output noise
      3 ppm/°C gain drift
      500 μV maximum output offset
      50 V/μs slew rate
   Low power: 3.2 mA supply current

APPLICATIONS
   ADC drivers
   Differential instrumentation amplifier building blocks
   Single-ended-to-differential converters




Similar Part No. - AD8475ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8475ACPZ-WP AD-AD8475ACPZ-WP Datasheet
621Kb / 25P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. C
AD8475ACPZ-WP AD-AD8475ACPZ-WP Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
More results


Similar Description - AD8475ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
Precision, 100UA Gain Selectable Amplifier
02-Nov-01
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
Precision, 100UA Gain Selectable Amplifier
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
Precision, 100uA Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
Precision, 100A Gain Selectable Amplifier
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
AD8475 AD-AD8475_16 Datasheet
621Kb / 25P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. C
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
LT1997-2 AD-LT1997-2 Datasheet
806Kb / 26P
Precision, Wide Voltage Range, Gain Selectable Funnel Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com