Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8630ARUZ Datasheet (PDF) - Analog Devices

AD8630ARUZ Datasheet PDF - Analog Devices
Part # AD8630ARUZ
Download  AD8630ARUZ Download
File Size   449.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier

AD8630ARUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8630ARUZ Datasheet PDF - Analog Devices

Part # AD8630ARUZ
Download  AD8630ARUZ Click to download

File Size   449.59 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier

AD8630ARUZ Datasheet (HTML) - Analog Devices


AD8630ARUZ Product details

GENERAL DESCRIPTION

This amplifier has ultralow offset, drift, and bias current. The AD8628/AD8629/AD8630 are wide bandwidth auto-zero amplifiers featuring rail-to-rail input and output swings and low noise. Operation is fully specified from 2.7 V to 5 V single supply (±1.35 V to ±2.5 V dual supply).

The AD8628/AD8629/AD8630 provide benefits previously found only in expensive auto-zeroing or chopper-stabilized amplifiers. Using Analog Devices’ topology, these zero-drift amplifiers combine low cost with high accuracy and low noise. No external capacitor is required. In addition, the AD8628/AD8629/AD8630 greatly reduce the digital switching noise found in most chopper-stabilized amplifiers.



FEATURES

Lowest auto-zero amplifier noise

Low offset voltage: 1 μV

Input offset drift: 0.002 μV/°C

Rail-to-rail input and output swing

5 V single-supply operation

High gain, CMRR, and PSRR: 120 dB

Very low input bias current: 100 pA max

Low supply current: 1.0 mA

Overload recovery time: 10 μs

No external components required



APPLICATIONS

Automotive sensors

Pressure and position sensors

Strain gage amplifiers

Medical instrumentation

Thermocouple amplifiers

Precision current sensing

Photodiode amplifier




Similar Part No. - AD8630ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8630ARUZ AD-AD8630ARUZ Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8630ARUZ AD-AD8630ARUZ Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8630ARUZ AD-AD8630ARUZ Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8630ARUZ AD-AD8630ARUZ Datasheet
1Mb / 21P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. M
AD8630ARUZ-REEL AD-AD8630ARUZ-REEL Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
More results


Similar Description - AD8630ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8629 AD-AD8629 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628_05 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8628 AD-AD8628_08 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8629S AD-AD8629S Datasheet
138Kb / 8P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
27-Sep-2017
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
logo
Analog Devices
AD8629-EP AD-AD8629-EP Datasheet
252Kb / 8P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com