Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C460DA3547-0310 Datasheet (PDF) - Cree, Inc

C460DA3547-0310 Datasheet PDF - Cree, Inc
Part # C460DA3547-0310
Download  C460DA3547-0310 Download
File Size   403.9 Kbytes
Page   5 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Rectangular LED RF Performance High Reliability - Eutectic Attach

C460DA3547-0310 Datasheet (PDF)

Go To PDF Page Download Datasheet
C460DA3547-0310 Datasheet PDF - Cree, Inc

Part # C460DA3547-0310
Download  C460DA3547-0310 Click to download

File Size   403.9 Kbytes
Page   5 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Rectangular LED RF Performance High Reliability - Eutectic Attach

C460DA3547-0310 Datasheet (HTML) - Cree, Inc




Similar Part No. - C460DA3547-0310

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460DA1000-0309 CREE-C460DA1000-0309 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
C460DA1000-0310 CREE-C460DA1000-0310 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
C460DA1000-0311 CREE-C460DA1000-0311 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
C460DA1000-0312 CREE-C460DA1000-0312 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
C460DA1000-0313 CREE-C460DA1000-0313 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
More results


Similar Description - C460DA3547-0310

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD53124A CML-CMD53124A Datasheet
64Kb / 1P
High Performance Rectangular LED Lamps
logo
Cree, Inc
C450DA700-S43000 CREE-C450DA700-S43000 Datasheet
418Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
C450DA1000-S48500 CREE-C450DA1000-S48500 Datasheet
462Kb / 5P
Direct Attach LED Technology Rectangular LED RF Performance
Rev A
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
Rev C
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
Rev A
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
Rev B
C450TR2436-S3000 CREE-C450TR2436-S3000 Datasheet
344Kb / 6P
Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA
Rev B
C450TR3547-S7500 CREE-C450TR3547-S7500 Datasheet
449Kb / 5P
Rectangular LED RF performance Maximum DC forward current 150 mA
450TR5050M-S18000 CREE-450TR5050M-S18000 Datasheet
375Kb / 5P
High-Reliability Eutectic, Solder Paste or Preforms
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com