Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22105 Datasheet (PDF) - Analog Devices

AD22105 Datasheet PDF - Analog Devices
Part # AD22105
Download  AD22105 Download
File Size   266.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, Resistor Programmable Thermostatic Switch

AD22105 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22105 Datasheet PDF - Analog Devices

Part # AD22105
Download  AD22105 Click to download

File Size   266.3 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Voltage, Resistor Programmable Thermostatic Switch

AD22105 Datasheet (HTML) - Analog Devices


AD22105 Product details

GENERAL DESCRIPTION
The AD22105 is a solid state thermostatic switch. Requiring only one external programming resistor, the AD22105 can be set to switch accurately at any temperature in the −40°C to +150°C wide operating range. Using a novel circuit architecture, the AD22105 asserts an open-collector output when the ambient temperature exceeds the user-programmed setpoint temperature. The AD22105 has approximately 4°C of hysteresis, which prevents rapid thermal on and off cycling.

FEATURES
    User-programmable temperature setpoint
    ±2.0°C maximum ambient setpoint accuracy
    4.1°C typical hysteresis
    Wide supply range: 2.7 V to 7.0 V
    Wide temperature range: −40°C to +150°C
    Low power dissipation

APPLICATIONS
    Industrial process control
    Thermal control systems
    CPU monitoring
    Computer thermal management circuits
    Fan control
    Handheld/portable electronic equipment




Similar Part No. - AD22105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22105 AD-AD22105 Datasheet
262Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
AD22105 AD-AD22105 Datasheet
232Kb / 11P
Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
AD22105AR AD-AD22105AR Datasheet
262Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
AD22105AR-REEL7 AD-AD22105AR-REEL7 Datasheet
262Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
AD22105ARZ AD-AD22105ARZ Datasheet
232Kb / 11P
Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
More results


Similar Description - AD22105

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22105 AD-AD22105 Datasheet
262Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP708 TI1-TMP708 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
TMP709 TI1-TMP709 Datasheet
551Kb / 14P
Resistor-Programmable Temperature Switch in SOT Package
logo
Analog Devices
AD22105 AD-AD22105_15 Datasheet
266Kb / 8P
Low Voltage, Resistor Programmable Thermostatic Switch
REV. 0
logo
Texas Instruments
TMP709 TI1-TMP709_15 Datasheet
704Kb / 15P
Resistor-Programmable Temperature Switch in SOT Package
TMP300 TI1-TMP300_16 Datasheet
965Kb / 20P
Resistor-Programmable Temperature Switch
TMP708-Q1 TI1-TMP708-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
TMP709-Q1 TI1-TMP709-Q1 Datasheet
780Kb / 18P
Automotive, Resistor-Programmable Temperature Switch in SOT Package
logo
Analog Devices
AD22105 AD-AD22105_V01 Datasheet
232Kb / 11P
Low Voltage, Resistor-Programmable, Thermostatic Switch
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com