Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG212A Datasheet (PDF) - Analog Devices

ADG212A Datasheet PDF - Analog Devices
Part # ADG212A
Download  ADG212A Download
File Size   311.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Quad SPST Switches

ADG212A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG212A Datasheet PDF - Analog Devices

Part # ADG212A
Download  ADG212A Click to download

File Size   311.97 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Quad SPST Switches

ADG212A Datasheet (HTML) - Analog Devices


ADG212A Product details

GENERAL DESCRIPTION
The ADG211A and ADG212A are monolithic CMOS devices comprising four independently selectable switches. They are designed on an enhanced LC2MOS process, which gives an increased signal handling capability of ±15 V. These switches also feature high switching speeds and low RON.
   
FEATURES
    44 V supply maximum rating
    ±15 V analog signal range
    Low RON: 115 Ω maximum
    Low leakage: 0.5 nA typical
    Break-before-make switching
    Single supply operation possible
    Extended plastic temperature range: −40°C to +85°C
    TTL/CMOS compatible
    Available in 16-lead PDIP/SOIC and 20-pead PLCC packages
    Pin compatible to DG211/DG212
   




Similar Part No. - ADG212A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG212A AD-ADG212A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG212AKN AD-ADG212AKN Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG212AKP AD-ADG212AKP Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG212AKR AD-ADG212AKR Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
More results


Similar Description - ADG212A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201A AD-ADG201A Datasheet
228Kb / 6P
LC2MOS QUAD SPST SWITCHES
ADG211A AD-ADG211A Datasheet
277Kb / 8P
LC2MOS QUAD SPST SWITCHES
ADG441 AD-ADG441 Datasheet
323Kb / 9P
LC2MOS Quad SPST Switches
REV.0
ADG441BRZ AD-ADG441BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
LC2MOS Quad SPST Switches
REV. C
ADG201AKRZ AD-ADG201AKRZ Datasheet
233Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG201AKNZ AD-ADG201AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
LC2MOS Quad SPST Switches
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com