Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG508A Datasheet (PDF) - Analog Devices

ADG508A Datasheet PDF - Analog Devices
Part # ADG508A
Download  ADG508A Download
File Size   387.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 4-/8-Channel Analog Multiplexers

ADG508A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG508A Datasheet PDF - Analog Devices

Part # ADG508A
Download  ADG508A Click to download

File Size   387.59 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CMOS 4-/8-Channel Analog Multiplexers

ADG508A Datasheet (HTML) - Analog Devices


ADG508A Product details

GENERAL DESCRIPTION
The ADG508A and ADG509A are CMOS monolithic analog multiplexers with eight channels and dual four channels, respectively. The ADG508A switches one of eight inputs to a common output, depending on the state of three binary addresses and an enable input. The ADG509A switches one of four differential inputs to a common differential output, depending on the state of two binary addresses and an enable input. Both devices have TTL and 5 V CMOS logic-compatible digital inputs.

FEATURES
    44 V supply maximum rating
    VSSto VDDanalog signal range
    Single-/dual-supply specifications
    Wide supply range: 10.8 V to 16.5 V
    Extended plastic temperature range: −40°C to +85°C
    Low power dissipation: 28 mW maximum
    Low leakage: 20 pA typical
    Available in 16-lead DIP/SOIC and 20-lead PLCC/LCC
        packages
    Superior alternative to
        DG508A, HI-508
        DG509A, HI-509




Similar Part No. - ADG508A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG508A AD-ADG508A Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
ADG508A-ADG509A AD-ADG508A-ADG509A Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
ADG508ABQ AD-ADG508ABQ Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
ADG508AKN AD-ADG508AKN Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
ADG508AKP AD-ADG508AKP Datasheet
304Kb / 8P
CMOS 4/8 CHAANNEL ANALOG MULTIPLEXERS
More results


Similar Description - ADG508A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7501 AD-AD7501 Datasheet
199Kb / 4P
CMOS 4/8 Channel Analog Multiplexers
REV.B
ADG508AKRZ AD-ADG508AKRZ Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
Rev. D
AD7503JNZ AD-AD7503JNZ Datasheet
205Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501SQ AD-AD7501SQ Datasheet
181Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
181Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
AD7501JNZ AD-AD7501JNZ Datasheet
205Kb / 4P
CMOS 4-/8-Channel Analog Multiplexers
REV. B
ADG508A AD-ADG508A_15 Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG509A AD-ADG509A_15 Datasheet
387Kb / 16P
CMOS 4-/8-Channel Analog Multiplexers
REV. D
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com