Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN750PS-E Datasheet (PDF) - STMicroelectronics

VN750PS-E Datasheet PDF - STMicroelectronics
Part # VN750PS-E
Download  VN750PS-E Download
File Size   383.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side driver

VN750PS-E Datasheet (PDF)

Go To PDF Page Download Datasheet
VN750PS-E Datasheet PDF - STMicroelectronics

Part # VN750PS-E
Download  VN750PS-E Click to download

File Size   383.28 Kbytes
Page   27 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side driver

VN750PS-E Datasheet (HTML) - STMicroelectronics


VN750PS-E Product details

Description

The VN750PS-E is a monolithic device designed in STMicroelectronics™ VIPower™ M0-3

Technology intended for driving any kind of load with one side connected to ground.

Active VCCpin voltage clamp protects the device against low energy spikes (see ISO7637 transient

compatibility table). Active current limitation combined with thermal shutdown and automatic

restart help protect the device against overload. The device detects open load condition in on and

off-state. Output shorted to VCCis detected in the off-state. Device automatically turns off in case of ground pin disconnection.



Features

■ ECOPACK®: lead free and RoHS compliant

■ Automotive Grade: compliance with AEC guidelines

■ CMOS compatible input

■ On-state open-load detection

■ Off-state open-load detection

■ Shorted load protection

■ Undervoltage and overvoltage shutdown

■ Protection against loss of ground

■ Very low standby current

■ Reverse battery protection

RDS(on) :60 mΩ

IOUT:6A

VCC: 36V



 




Similar Part No. - VN750PS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN750PS-E STMICROELECTRONICS-VN750PS-E Datasheet
271Kb / 27P
High-side driver
19-Sep-2013
VN750PS-E STMICROELECTRONICS-VN750PS-E_V01 Datasheet
271Kb / 27P
High-side driver
19-Sep-2013
More results


Similar Description - VN750PS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com