Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIC402A Datasheet (PDF) - Vishay Siliconix

SIC402A Datasheet PDF - Vishay Siliconix
Part # SIC402A
Download  SIC402A Download
File Size   1089.83 Kbytes
Page   26 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO

SIC402A Datasheet (PDF)

Go To PDF Page Download Datasheet
SIC402A Datasheet PDF - Vishay Siliconix

Part # SIC402A
Download  SIC402A Click to download

File Size   1089.83 Kbytes
Page   26 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO

SIC402A Datasheet (HTML) - Vishay Siliconix


SIC402A Product details

DESCRIPTION
The Vishay Siliconix SiC402A/B an advanced stand-alone synchronous buck regulator featuring integrated power MOSFETs, bootstrap switch, and a programmable LDO in a space-saving PowerPAK MLP55-32L pin packages.

FEATURES
• High efficiency > 95 %
• 10 A continuous output current capability
• Integrated bootstrap switch
• Programmable 200 mA LDO with bypass logic
• Temperature compensated current limit
• All ceramic solution enabled
• Pseudo fixed-frequency adaptive on-time control
• Programmable input UVLO threshold
• Independent enable pin for switcher and LDO
• Selectable ultra-sonic power-save mode (SiC402A)
• Selectable power-save mode (SiC402B)
• Programmable soft-start and soft-shutdown
• 1 % internal reference voltage
• Power good output
• Over-voltage and under-voltage protections
• PowerCAD simulation software available at www.vishay.com/power-ics/powercad-list/
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Notebook, desktop, and server computers
• Digital HDTV and digital consumer applications
• Networking and telecommunication equipment
• Printers, DSL, and STB applications
• Embedded applications
• Point of load power supplies




Similar Part No. - SIC402A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC402A/B VISHAY-SIC402A/B Datasheet
4Mb / 12P
microBUCK® PRODUCT FAMILY
SIC402A/B VISHAY-SIC402A/B Datasheet
4Mb / 12P
microBUCK® Highly Integrated Synchronous Buck Regulators
SIC402ACD-T1-GE3 VISHAY-SIC402ACD-T1-GE3 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results


Similar Description - SIC402A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
03-Sep-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
19-Mar-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
15 A microBUCK® SiC401A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
10 A microBUCK® SiC402A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
29-Jun-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com