Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL5221 Datasheet (PDF) - Micro Commercial Components

DL5221 Datasheet PDF - Micro Commercial Components
Part # DL5221_11
Download  DL5221 Download
File Size   632.29 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 to 75 Volts

DL5221 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL5221 Datasheet PDF - Micro Commercial Components

Part # DL5221_11
Download  DL5221 Click to download

File Size   632.29 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 to 75 Volts

DL5221 Datasheet (HTML) - Micro Commercial Components




Similar Part No. - DL5221_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DL5221-TP MCC-DL5221-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Dc Components
DL5221B DCCOM-DL5221B Datasheet
220Kb / 2P
TECHNICAL SPECIFICATIONS OF GLASS SILICON ZENER DIODES
logo
Microdiode Semiconducto...
DL5221B CHENDA-DL5221B Datasheet
147Kb / 3P
ZENER DIODES Voltage: 2.4-56V P e a k Pulse Power: 500mW Glass passivated junction
logo
Micro Commercial Compon...
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
logo
Shanghai Shunye Electro...
DL5221B/ZMM5221B SHUNYE-DL5221B/ZMM5221B Datasheet
313Kb / 3P
ZENER DIODES
V2.22
More results


Similar Description - DL5221_11

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221_09 Datasheet
393Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5227B-TP MCC-DL5227B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52B2V4 MCC-BZT52B2V4 Datasheet
303Kb / 3P
410 mW Zener Diode 2.4 to 75 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
LS5221 MCC-LS5221 Datasheet
178Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
500 mW Zener Diodes 2.4 to 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com