Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHL8505 Datasheet (PDF) - International Rectifier

CHL8505 Datasheet PDF - International Rectifier
Part # CHL8505
Download  CHL8505 Download
File Size   263.59 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High.Efficiency 5V MOSFET Gate Driver

CHL8505 Datasheet (PDF)

Go To PDF Page Download Datasheet
CHL8505 Datasheet PDF - International Rectifier

Part # CHL8505
Download  CHL8505 Click to download

File Size   263.59 Kbytes
Page   15 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description High.Efficiency 5V MOSFET Gate Driver

CHL8505 Datasheet (HTML) - International Rectifier




Similar Part No. - CHL8505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CHL8510 IRF-CHL8510 Datasheet
689Kb / 15P
12V High Performance Gate Driver
CHL8510CRT IRF-CHL8510CRT Datasheet
689Kb / 15P
12V High Performance Gate Driver
CHL8515 IRF-CHL8515 Datasheet
453Kb / 16P
High?륟fficiency Variable Gate MOSFET Driver
CHL8515 IRF-CHL8515 Datasheet
453Kb / 16P
High?륟fficiency Variable Gate MOSFET Driver
CHL8515CRT IRF-CHL8515CRT Datasheet
453Kb / 16P
High?륟fficiency Variable Gate MOSFET Driver
More results


Similar Description - CHL8505

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVI5013R IRF-PVI5013R Datasheet
143Kb / 4P
PHOTOVOLTAIC ISOLATOR Solid-State Opto-Isolated MOSFET Gate Driver Dual-Channel 5V, 1.0mA
logo
National Semiconductor ...
LM5112 NSC-LM5112 Datasheet
236Kb / 10P
Tiny 7A MOSFET Gate Driver
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
N-Channel MOSFET Gate Driver
logo
Holtek Semiconductor In...
HT45B0C HOLTEK-HT45B0C Datasheet
114Kb / 10P
MOSFET Gate Driver
December 21, 2006
logo
International Rectifier
CHL8550 IRF-CHL8550 Datasheet
365Kb / 15P
High.Efficiency Variable Gate MOSFET Driver
logo
Texas Instruments
EMB1412 TI-EMB1412_15 Datasheet
767Kb / 15P
MOSFET Gate Driver
LM5112-Q1 TI-LM5112-Q1_15 Datasheet
935Kb / 16P
Tiny 7A MOSFET Gate Driver
logo
International Rectifier
PVI5033RPBF IRF-PVI5033RPBF_15 Datasheet
268Kb / 5P
Opto Isolated MOSFET Gate Driver
logo
Monolithic Power System...
MP6528 MPS-MP6528 Datasheet
1Mb / 17P
5V to 60V, H-Bridge Gate Driver
logo
Princeton Technology Co...
PT5671 PTC-PT5671 Datasheet
236Kb / 4P
3-Phase MOSFET Gate Driver
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com