Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR1169SPBF Datasheet (PDF) - International Rectifier

IR1169SPBF Datasheet PDF - International Rectifier
Part # IR1169SPBF
Download  IR1169SPBF Download
File Size   355.0 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED SMARTRECTIFIER CONTROL IC

IR1169SPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR1169SPBF Datasheet PDF - International Rectifier

Part # IR1169SPBF
Download  IR1169SPBF Click to download

File Size   355.0 Kbytes
Page   27 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description ADVANCED SMARTRECTIFIER CONTROL IC

IR1169SPBF Datasheet (HTML) - International Rectifier


IR1169SPBF Product details

Features

• Secondary side high speed SR controller

• Flyback, Forward and Half-bridge topologies

• CCM operation with SYNC function

• 200 V proprietary IC technology

• Max 500 KHz switching frequency

• Anti-bounce logic and UVLO protection

• 4 A peak turn off drive current

• Micropower start-up & low quiescent current

• 10.7 V gate drive clamp

• 50 ns turn-off propagation delay

• Vcc range from 11 V to 20 V

• Enable function synchronized with MOSFET VDS transition

• Cycle by Cycle MOT Check Circuit prevents multiple false trigger GATE pulses

• Lead-free

• Compatible with 0.3 W Standby, Energy Star, CECP, etc.



Typical Applications

• Telecom SMPS, ATX SMPS, Server SMPS, AC DC adapters



 




Similar Part No. - IR1169SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR1169S IRF-IR1169S Datasheet
681Kb / 28P
Secondary side high speed SR controller
IR1169S IRF-IR1169S_15 Datasheet
681Kb / 28P
Secondary side high speed SR controller
More results


Similar Description - IR1169SPBF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7543 FAIRCHILD-KA7543 Datasheet
131Kb / 16P
Advanced Feedback Dimming Ballast Control IC
logo
International Rectifier
IR1167ASPBF IRF-IR1167ASPBF Datasheet
308Kb / 15P
SmartRectifier CONTROL IC
IRS2168DPBF IRF-IRS2168DPBF Datasheet
307Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
IR11672AS IRF-IR11672AS_11 Datasheet
397Kb / 25P
ADVANCED SMART RECTIFIER TM CONTROL IC
IR1166SPBF IRF-IR1166SPBF_09 Datasheet
512Kb / 16P
SmartRectifier CONTROL IC Secondary side high speed SR controller
IR11682S IRF-IR11682S_11 Datasheet
381Kb / 22P
DUAL SmartRectifier DRIVER IC 200V proprietary IC technology
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
ADVANCED PFC BALLAST CONTROL IC
logo
Infineon Technologies A...
IR1161LPBF INFINEON-IR1161LPBF_16 Datasheet
416Kb / 26P
SmartRectifier
2016-07-01
logo
International Rectifier
IR1166SPBF IRF-IR1166SPBF Datasheet
275Kb / 15P
SMARTRECTIFIER CONTROL IC
logo
Nuvoton Technology Corp...
NCT3012S NUVOTON-NCT3012S Datasheet
466Kb / 17P
Advanced Power Control IC
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com