Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AQW210 Datasheet (PDF) - Panasonic Semiconductor

AQW210 Datasheet PDF - Panasonic Semiconductor
Part # AQW210
Download  AQW210 Download
File Size   78.41 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines

AQW210 Datasheet (PDF)

Go To PDF Page Download Datasheet
AQW210 Datasheet PDF - Panasonic Semiconductor

Part # AQW210
Download  AQW210 Click to download

File Size   78.41 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines

AQW210 Datasheet (HTML) - Panasonic Semiconductor


AQW210 Product details

FEATURES
● Compact 8-pin DIP size
   (W) 6.4 × (L) 9.78 × (H) 3.9 mm 8-pin DIP size (through hole terminal type).
● Applicable for 2 Form A use as well as two independent 1 Form A use
● Controls low-level analog signals
● High sensitivity and high speed response
● Low-level off state leakage current of max. 1 μA
● Wide variation of load voltage 60V to 600V

TYPICAL APPLICATIONS
● High-speed inspection machines
● Telephones equipment
● Computer




Similar Part No. - AQW210

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW210 NAIS-AQW210 Datasheet
46Kb / 3P
GU (General Use) Type [2-Channel (Form A) Type]
AQW210A NAIS-AQW210A Datasheet
46Kb / 3P
GU (General Use) Type [2-Channel (Form A) Type]
AQW210AZ NAIS-AQW210AZ Datasheet
46Kb / 3P
GU (General Use) Type [2-Channel (Form A) Type]
AQW210EH NAIS-AQW210EH Datasheet
50Kb / 3P
GU (General Use)-E Type 2-Channel (Form A) Type
AQW210EHA NAIS-AQW210EHA Datasheet
50Kb / 3P
GU (General Use)-E Type 2-Channel (Form A) Type
More results


Similar Description - AQW210

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV21 PANASONIC-AQV21 Datasheet
123Kb / 4P
Controls low-level input signals. Controls load voltage 60V to 600V.
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW223R2S PANASONIC-AQW223R2S Datasheet
73Kb / 3P
Miniature SOP8-pin type featuring low CxR with high load voltage of 250V
logo
Xilinx, Inc
XCR3032 XILINX-XCR3032 Datasheet
213Kb / 14P
High speed pin-to-pin delays of 8ns
XCR3128A XILINX-XCR3128A Datasheet
251Kb / 17P
High-speed pin-to-pin delays of 7.5 ns
XCR5128 XILINX-XCR5128 Datasheet
139Kb / 20P
High speed pin-to-pin delays of 7.5 ns
XCR5128C XILINX-XCR5128C Datasheet
281Kb / 19P
High speed pin-to-pin delays of 7.5 ns
DS109 XILINX-DS109 Datasheet
65Kb / 3P
High-speed pin-to-pin delays of 10 ns
DS119 XILINX-DS119 Datasheet
103Kb / 7P
High-speed pin-to-pin delays of 10 ns
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com