Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECJ-1VB1H103K Datasheet (PDF) - International Rectifier

ECJ-1VB1H103K Datasheet PDF - International Rectifier
Part # ECJ-1VB1H103K
Download  ECJ-1VB1H103K Download
File Size   776.64 Kbytes
Page   34 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR

ECJ-1VB1H103K Datasheet (PDF)

Go To PDF Page Download Datasheet
ECJ-1VB1H103K Datasheet PDF - International Rectifier

Part # ECJ-1VB1H103K
Download  ECJ-1VB1H103K Click to download

File Size   776.64 Kbytes
Page   34 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR

ECJ-1VB1H103K Datasheet (HTML) - International Rectifier




Similar Part No. - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1H103K PANASONIC-ECJ-1VB1H103K Datasheet
860Kb / 12P
Multilayer Ceramic Capacitors (For General Electronic Equipment)
logo
International Rectifier
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
740Kb / 32P
HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,010Kb / 35P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,022Kb / 34P
HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results


Similar Description - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3841M IRF-IR3841M_15 Datasheet
919Kb / 32P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841WM IRF-IR3841WM_15 Datasheet
776Kb / 34P
HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com