Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9512-EP Datasheet (PDF) - Analog Devices

AD9512-EP Datasheet PDF - Analog Devices
Part # AD9512-EP
Download  AD9512-EP Download
File Size   326.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs

AD9512-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9512-EP Datasheet PDF - Analog Devices

Part # AD9512-EP
Download  AD9512-EP Click to download

File Size   326.02 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Five Outputs

AD9512-EP Datasheet (HTML) - Analog Devices


AD9512-EP Product details

GENERAL DESCRIPTION

The AD9512-EP provides a multi-output clock distribution in a design that emphasizes low jitter and low phase noise to maximize data converter performance. Other applications with demanding phase noise and jitter requirements can also benefit from this part.

There are five independent clock outputs. Three outputs are LVPECL (1.2 GHz), and two are selectable as either LVDS (800 MHz) or CMOS (250 MHz) levels.



FEATURES

  Two 1.6 GHz, differential clock inputs

  5 programmable dividers, 1 to 32, all integers

  3 independent 1.2 GHz LVPECL outputs

  Additive output jitter 225 fs rms

  2 independent 800 MHz/250 MHz LVDS/CMOS clock outputs

  Additive output jitter: 275 fs rms

  Serial control port

  Space-saving 48-lead LFCSP



ENHANCED PRODUCT FEATURES

  Supports defense and aerospace applications (AQEC standard)

  Military temperature range (−55°C to +85°C)

  Controlled manufacturing baseline

  1 assembly/test site

  1 fabrication site

  Enhanced product change notification

  Qualification data available on request



APPLICATIONS

  Low jitter, low phase noise clock distribution

  Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs

  Defense and aerospace applications



 




Similar Part No. - AD9512-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9512-PCB AD-AD9512-PCB Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
More results


Similar Description - AD9512-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9512 AD-AD9512 Datasheet
125Kb / 2P
800 MHz Clock Distribution IC,1.5 GHz Inputs, Dividers, Delay Adjust, Five Outputs
AD9511 AD-AD9511 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
6/05-Rev. 0 to Rev. A
AD9514 AD-AD9514 Datasheet
633Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
7/05-Revision 0
AD9515 AD-AD9515 Datasheet
656Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
7/05-Revision 0
AD9512BCPZ AD-AD9512BCPZ Datasheet
967Kb / 48P
1.2 GHz Clock Distribution IC, 1.6 GHz Inputs, Dividers, Delay Adjust, Five Outputs
REV. A
AD9511 AD-AD9511_15 Datasheet
1Mb / 60P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Five Outputs
REV. A
AD9514 AD-AD9514_15 Datasheet
634Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Three Outputs
REV. 0
AD9515 AD-AD9515_15 Datasheet
469Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
REV. A
AD9510 AD-AD9510_16 Datasheet
1Mb / 56P
1.2 GHz Clock Distribution IC, PLL Core, Dividers, Delay Adjust, Eight Outputs
9/2016-Rev. B to Rev. C
AD9515 AD-AD9515_V01 Datasheet
407Kb / 28P
1.6 GHz Clock Distribution IC, Dividers, Delay Adjust, Two Outputs
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com