Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-1R5MS Datasheet (PDF) - International Rectifier

PCMB065T-1R5MS Datasheet PDF - International Rectifier
Part # PCMB065T-1R5MS
Download  PCMB065T-1R5MS Download
File Size   1072.44 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR

PCMB065T-1R5MS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCMB065T-1R5MS Datasheet PDF - International Rectifier

Part # PCMB065T-1R5MS
Download  PCMB065T-1R5MS Click to download

File Size   1072.44 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR

PCMB065T-1R5MS Datasheet (HTML) - International Rectifier


PCMB065T-1R5MS Product details

Description
The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator. The onboard constant on time hysteretic controller and MOSFETs make IR3871 a space-efficient solution that delivers up to 8A of precisely controlled output voltage in 60°C ambient temperature applications without airflow.

Features
◾ Input Voltage Range: 3V to 26V
◾ Output Voltage Range: 0.5V to 12V
◾ Continuous 8A Load Capability
◾ Constant On-Time control
◾ Excellent Efficiency at very low output current levels
◾ Compensation Loop not required
◾ Programmable switching frequency, soft start, and over current protection
◾ Power Good Output
◾ Precision Voltage Reference (0.5V, +/-1%)
◾ Pre-bias Start Up
◾ Under/Over Voltage Fault Protection
◾ Ultra small, low profile 5 x 6mm QFN Package

Applications
◾ Notebook and desktop computers
◾ Game consoles
◾ Consumer electronics – STB, LCD, TV, printers
◾ General purpose POL DC-DC converters




Similar Part No. - PCMB065T-1R5MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
2Mb / 17P
USER GUIDE FOR IR3897 EVALUATION BOARD
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
973Kb / 35P
HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
1Mb / 47P
Dual output, 4A/Phase, Highly Integrated SupIRBuck
PCMB065T-1R5MS IRF-PCMB065T-1R5MS Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Similar Description - PCMB065T-1R5MS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3810MPBF IRF-IR3810MPBF Datasheet
39Kb / 1P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820MPBF IRF-IR3820MPBF_08 Datasheet
676Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871M IRF-IR3871M_15 Datasheet
1Mb / 21P
8A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876M IRF-IR3876M_15 Datasheet
1Mb / 21P
12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com