Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3846MPBF Datasheet (PDF) - International Rectifier

IR3846MPBF Datasheet PDF - International Rectifier
Part # IR3846MPBF
Download  IR3846MPBF Download
File Size   3243.27 Kbytes
Page   53 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single-Input Voltage, Synchronous Buck Regulator

IR3846MPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3846MPBF Datasheet PDF - International Rectifier

Part # IR3846MPBF
Download  IR3846MPBF Click to download

File Size   3243.27 Kbytes
Page   53 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Single-Input Voltage, Synchronous Buck Regulator

IR3846MPBF Datasheet (HTML) - International Rectifier


IR3846MPBF Product details

DESCRIPTION

The IR3846 SupIRBuck® is an easy-to-use, fully integrated and highly efficient DC/DC regulator. The onboard PWM controller and MOSFETs make IR3846 a space-efficient solution, providing accurate power delivery for low output voltage and high current applications.

IR3846 is a versatile regulator which offers programmability of switching frequency and current limit while operating in wide input and output voltage range.

The switching frequency is programmable from 300 kHz to 1.5MHz for an optimum solution. It also features important protection functions, such as Over Voltage Protection (OVP), Pre-Bias startup, hiccup current limit and thermal shutdown to give required system level security in the event of fault conditions.



FEATURES

• Single 5V to 21V application

• Wide Input Voltage Range from 1.5V to 21V with external Vcc

• Output Voltage Range: 0.6V to 0.86*PVin

• 0.5% accurate Reference Voltage

• Enhanced line/load regulation with Feed-Forward

• Programmable Switching Frequency up to 1.5MHz

• Internal Digital Soft-Start

• Enable input with Voltage Monitoring Capability

• Remote Sense Amplifier with True Differential Voltage Sensing

• Thermally compensated current limit and Hiccup Mode Over Current Protection

• Smart LDO to enhance efficiency

• Vp for tracking applications and sequencing

• Vref is available externally to enable margining

• External synchronization with Smooth Clocking

• Dedicated output voltage sensing for power good indication and overvoltage protection which remains active even when Enable is low.

• Enhanced Pre-Bias Start up

• Body Braking to improve transient

• Integrated MOSFET drivers and Bootstrap diode

• Thermal Shut Down

• Post Package trimmed rising edge dead-time

• Programmable Power Good Output with tracking

• Small Size 5mm x 7mm PQFN

• Operating Junction Temp: -40oC • Lead-free, Halogen-free and RoHS Compliant



APPLICATIONS

• Netcom Applications

• Embedded Telecom Systems

• Server Application

• Distributed Point of Load Power Architectures

• Storage Applications



 




Similar Part No. - IR3846MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3846M IRF-IR3846M Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
logo
Infineon Technologies A...
IR3846MTRPBF INFINEON-IR3846MTRPBF Datasheet
2Mb / 55P
DCDC Converter
Rev 3.5 Feb 05, 2016
logo
International Rectifier
IR3846M IRF-IR3846M_15 Datasheet
3Mb / 54P
Enhanced line/load regulation with Feed-Forward
More results


Similar Description - IR3846MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3847M IRF-IR3847M_15 Datasheet
1Mb / 55P
Single-Input Voltage, Synchronous Buck Regulator
IR3891M IRF-IR3891M_15 Datasheet
1Mb / 51P
Single-Input Voltage, Synchronous Buck Regulator
IR3892M IRF-IR3892M_15 Datasheet
3Mb / 52P
Single-Input Voltage, Synchronous Buck Regulator
IR3898M IRF-IR3898M_15 Datasheet
3Mb / 46P
Single-Input Voltage, Synchronous Buck Regulator
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com