Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3897 Datasheet (PDF) - International Rectifier

IR3897 Datasheet PDF - International Rectifier
Part # IR3897
Download  IR3897 Download
File Size   2658.63 Kbytes
Page   47 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 4A Highly Integrated SupIRBuck Single?륤nput Voltage

IR3897 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3897 Datasheet PDF - International Rectifier

Part # IR3897
Download  IR3897 Click to download

File Size   2658.63 Kbytes
Page   47 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 4A Highly Integrated SupIRBuck Single?륤nput Voltage

IR3897 Datasheet (HTML) - International Rectifier




Similar Part No. - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3897M IRF-IR3897M Datasheet
2Mb / 47P
Single?륤nput Voltage, Synchronous Buck Regulator
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
IR3897MPBF IRF-IR3897MPBF Datasheet
2Mb / 17P
USER GUIDE FOR IR3897 EVALUATION BOARD
IR3897MTR1PBF IRF-IR3897MTR1PBF Datasheet
2Mb / 45P
4A HIGHLY INTEGRATED SUPLRBUCK
More results


Similar Description - IR3897

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
6A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com