Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3898 Datasheet (PDF) - International Rectifier

IR3898 Datasheet PDF - International Rectifier
Part # IR3898
Download  IR3898 Download
File Size   3153.92 Kbytes
Page   46 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A Highly Integrated SupIRBuck

IR3898 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3898 Datasheet PDF - International Rectifier

Part # IR3898
Download  IR3898 Click to download

File Size   3153.92 Kbytes
Page   46 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A Highly Integrated SupIRBuck

IR3898 Datasheet (HTML) - International Rectifier




Similar Part No. - IR3898

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3898M IRF-IR3898M Datasheet
3Mb / 46P
Single-Input Voltage, Synchronous Buck Regulator
IR3898MPBF IRF-IR3898MPBF Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
IR3898MPBF IRF-IR3898MPBF Datasheet
2Mb / 17P
USER GUIDE FOR IR3898 EVALUATION BOARD
IR3898MTR1PBF IRF-IR3898MTR1PBF Datasheet
2Mb / 45P
6A HIGHLY INTERGRATED SUPLRBUCK
More results


Similar Description - IR3898

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
12A Highly Integrated SupIRBuck IR3476 TM
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
10A Highly Integrated SupIRBuck Constant On.Time Control
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
16A Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
9A Highly Integrated SupIRBuck Single.Input Voltage
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com