Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC16Z1 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC16Z1 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC16Z1
Download  MC68HC16Z1 Download
File Size   5240.19 Kbytes
Page   500 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC16Z Series

MC68HC16Z1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC16Z1 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC16Z1
Download  MC68HC16Z1 Click to download

File Size   5240.19 Kbytes
Page   500 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC16Z Series

MC68HC16Z1 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC16Z1 Product details

INTRODUCTION
M68HC16 Z-series microcontrollers (including the MC68HC16Z1, MC68CM16Z1, MC68CK16Z1, MC68HC16Z2, MC68HC16Z3, MC68HC16Z4, and MC68CK16Z4) are high-speed 16-bit control units that are upwardly code compatible with M68HC11 controllers. All are members of the M68HC16 Family of modular microcontrollers.
M68HC16 microcontroller units (MCUs) are built from standard modules that interface via a common internal bus. Standardization facilitates rapid development of devices tailored for specific applications

OVERVIEW
This section provides general information on M68HC16 Z-series MCUs. It lists features of each of the modules, shows device functional divisions and pin assignments, summarizes signal and pin functions, discusses the intermodule bus, and provides system memory maps. Timing and electrical specifications for the entire microcontroller and for individual modules are provided in APPENDIX A ELECTRICAL CHARACTERISTICS. Comprehensive module register descriptions and memory maps are provided in APPENDIX D REGISTER SUMMARY.

.

M68HC16 Z-Series MCU Features
The following paragraphs highlight capabilities of each of the MCU modules. Each module is discussed separately in a subsequent section of this manual.

Central Processor Unit (CPU16/CPU16L)
• 16-bit architecture
• Full set of 16-bit instructions
• Three 16-bit index registers
• Two 16-bit accumulators
• Control-oriented digital signal processing capability
• Addresses up to 1 Mbyte of program memory; 1 Mbyte of data memory
• Background debug mode
• Fully static operation
• Expanded LPSTOP operation on CPU16L (MC68HC16Z4, MC68CK16Z4 only)

System Integration Module (SIM/SIML)
• External bus support
• Programmable chip-select outputs
• System protection logic
• Watchdog timer, clock monitor, and bus monitor
• Two 8-bit dual function input/output ports
• One 7-bit dual function output port
• Phase-locked loop (PLL) clock system
• Expanded LPSTOP operation on SIML (MC68HC16Z4, MC68CK16Z4 only)

Standby RAM (SRAM)
• 1-Kbyte static RAM (MC68HC16Z1/Z4 only)
• 2-Kbyte static RAM (MC68HC16Z2 only)
• 4-Kbyte static RAM (MC68HC16Z3 only)
• External standby voltage supply input

Masked ROM Module (MRM) — (MC68HC16Z2/Z3 Only)
• 8-Kbyte array, accessible as bytes or words
• User-selectable default base address
• User-selectable bootstrap ROM function
• User-selectable ROM verification code

Analog-to-Digital Converter (ADC)
• Eight channels, eight result registers
• Eight automated modes
• Three result alignment modes

Queued Serial Module (QSM)
• Enhanced serial communication interface
• Queued serial peripheral interface
• One 8-bit dual function port

Multichannel Communication Interface (MCCI) — (MC68HC16Z4/CKZ4 Only)
• Two channels of enhanced SCI (UART)
• One channel of SPI

General-Purpose Timer (GPT)
• Two 16-bit free-running counters with prescaler
• Three input capture channels
• Four output compare channels
• One input capture/output compare channel
• One pulse accumulator/event counter input
• Two pulse width modulation outputs
• Optional external clock input




Similar Part No. - MC68HC16Z1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1 FREESCALE-MC68HC16Z1 Datasheet
5Mb / 500P
M68HC16Z Series
MC68HC16Z1 FREESCALE-MC68HC16Z1 Datasheet
5Mb / 500P
M68HC16Z Series users manual
logo
NXP Semiconductors
MC68HC16Z1 NXP-MC68HC16Z1 Datasheet
617Kb / 28P
17 MHz Electrical Characteristics
logo
Freescale Semiconductor...
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
M68HC16Z Series users manual
MC68HC16Z1CAG25 FREESCALE-MC68HC16Z1CAG25 Datasheet
5Mb / 500P
Freescale Semiconductor, Inc.
More results


Similar Description - MC68HC16Z1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC16Z1 FREESCALE-MC68HC16Z1 Datasheet
5Mb / 500P
M68HC16Z Series
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Freescale Semiconductor...
MC68HC16Z1CEH25 FREESCALE-MC68HC16Z1CEH25 Datasheet
5Mb / 500P
M68HC16Z Series
MC68HC16Z1CAG16 FREESCALE-MC68HC16Z1CAG16 Datasheet
5Mb / 500P
M68HC16Z Series users manual
MC68HC16ZUM FREESCALE-MC68HC16ZUM Datasheet
5Mb / 500P
M68HC16Z Series users manual
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com