Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7501PBF Datasheet (PDF) - International Rectifier

IRF7501PBF Datasheet PDF - International Rectifier
Part # IRF7501PBF
Download  IRF7501PBF Download
File Size   184.07 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Generation V Technology Ulrtra Low On-Resistance

IRF7501PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7501PBF Datasheet PDF - International Rectifier

Part # IRF7501PBF
Download  IRF7501PBF Click to download

File Size   184.07 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Generation V Technology Ulrtra Low On-Resistance

IRF7501PBF Datasheet (HTML) - International Rectifier


IRF7501PBF Product details

VDSS =20V

RDS(on) = 0.135Ω



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The new Micro8 package, with half the footprint area of the standard SO-8, provides the smallest footprint available in an SOIC outline. This makes the Micro8 an ideal device for applications where printed circuit board space is at a premium. The low profile (<1.1mm) of the Micro8 will allow it to fit easily into extremely thin application environments such as portable electronics and PCMCIA cards.



Generation V Technology

Ulrtra Low On-Resistance

Dual N-Channel MOSFET

Very Small SOIC Package

Low Profile (<1.1mm)

Available in Tape & Reel

Fast Switching

Lead Free




Similar Part No. - IRF7501PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7501PBF IRF-IRF7501PBF Datasheet
184Kb / 9P
Ulrtra Low On-Resistance
IRF7501PBF IRF-IRF7501PBF_15 Datasheet
184Kb / 9P
Ulrtra Low On-Resistance
More results


Similar Description - IRF7501PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML2803TRPBF IRF-IRLML2803TRPBF Datasheet
230Kb / 8P
Generation V Technology, Ultra Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
Advanced Planar Technology Low On-Resistance
IRF7314PBF IRF-IRF7314PBF Datasheet
201Kb / 7P
Generation V Technology, Ultra Low On-Resistance
IRLML2803GPBF IRF-IRLML2803GPBF_11 Datasheet
230Kb / 8P
Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
Advanced Process Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
Advanced Planar Technology Low On-Resistance
AUIRFS3607 IRF-AUIRFS3607 Datasheet
289Kb / 13P
Advanced Process Technology Low On-Resistance
IRF7501PBF IRF-IRF7501PBF_15 Datasheet
184Kb / 9P
Ulrtra Low On-Resistance
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com