Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACJ1112P Datasheet (PDF) - Panasonic Semiconductor

ACJ1112P Datasheet PDF - Panasonic Semiconductor
Part # ACJ1112P
Download  ACJ1112P Download
File Size   167.49 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description SUPER MINIATURE PC BOARD TYPE

ACJ1112P Datasheet (PDF)

Go To PDF Page Download Datasheet
ACJ1112P Datasheet PDF - Panasonic Semiconductor

Part # ACJ1112P
Download  ACJ1112P Click to download

File Size   167.49 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description SUPER MINIATURE PC BOARD TYPE

ACJ1112P Datasheet (HTML) - Panasonic Semiconductor


ACJ1112P Product details

FEATURES

• Smallest in its class, it is extremely compact at approx. 2/3 the size of previous products.

  Compared to our previous miniature type CT relay, both the 1 Form C and 10-pin and 8-pin twin types take up approx. two thirds the space and volume. This makes them ideal for relay unit miniaturization.

• Compact and high-capacity 25 A load switching

  High capacity control is possible while being compact and capable of motor lock load switching at 25 A, 14 V DC.

• Pin in Paste* compatible model added

  Models compatible with the recently increasing Pin in Paste technique (reflow solder mounting) have been added. Pin in Paste compatible models are the flux tight type.

  * The Pin in Paste method may sometimes be referred to as THR(Through-hole Reflow).

• Environmental protection specifications

  Cadmium-free contacts and use of lead free solder are standard. Environmental pollutants are not used.



TYPICAL APPLICATIONS

• Powered windows

• Automatic door locks

• Electrically powered mirrors

• Powered sunroofs

• Powered seats

• Lift gates

• Smart J/B related products, etc.




Similar Part No. - ACJ1112P

ManufacturerPart #DatasheetDescription
logo
Applied Concepts Inc.
ACJ-12-1581 ACIPOWER-ACJ-12-1581 Datasheet
1Mb / 2P
CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
CCFL INVERTER
ACJ-B1-1522 ACIPOWER-ACJ-B1-1522 Datasheet
213Kb / 2P
CCFL INVERTER
ACJ-R1-1578 ACIPOWER-ACJ-R1-1578 Datasheet
217Kb / 2P
CCFL INVERTER
ACJ-V1-1542 ACIPOWER-ACJ-V1-1542 Datasheet
212Kb / 2P
CCFL INVERTER
More results


Similar Description - ACJ1112P

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1-12 NAIS-JS1-12 Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
WJ107 ETC1-WJ107 Datasheet
96Kb / 2P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
AZ991 ETC2-AZ991 Datasheet
77Kb / 2P
MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com