Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBJ601G Datasheet (PDF) - Yea Shin Technology Co., Ltd

KBJ601G Datasheet PDF - Yea Shin Technology Co., Ltd
Part # KBJ601G
Download  KBJ601G Download
File Size   365.71 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 6.0A GLASS PASSIVATED BRIDGE RECTIFIER

KBJ601G Datasheet (PDF)

Go To PDF Page Download Datasheet
KBJ601G Datasheet PDF - Yea Shin Technology Co., Ltd

Part # KBJ601G
Download  KBJ601G Click to download

File Size   365.71 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 6.0A GLASS PASSIVATED BRIDGE RECTIFIER

KBJ601G Datasheet (HTML) - Yea Shin Technology Co., Ltd


KBJ601G Product details

FEATURES
● Glass Passivated Die Construction
● High Case Dielectric Strength of 1500VRMS
● Low Reverse Leakage Current
● Surge Overload Rating to 170A Peak
● Ideal for Printed Circuit Board Applications
● Plastic Material - UL Flammability Classification 94V-0
● UL Listed Under Recognized Component Index, File Number E94661
● High temperature soldering : 260°C / 10 seconds at terminals
● Pb free product at available : 99% Sn above meet
   RoHS environment substance directive request




Similar Part No. - KBJ601G

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
KBJ601G ZOWIE-KBJ601G Datasheet
53Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBJ601G JGD-KBJ601G Datasheet
158Kb / 2P
CLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Diodes Incorporated
KBJ601G DIODES-KBJ601G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
logo
List of Unclassifed Man...
KBJ601G ETC1-KBJ601G Datasheet
312Kb / 2P
SINGLE PHASE GLASS PSSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ601G DIODES-KBJ601G Datasheet
73Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. 8 - 2
More results


Similar Description - KBJ601G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBU6A WTE-GBU6A Datasheet
47Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBJ6005G DIODES-KBJ6005G Datasheet
53Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21207 Rev. F-2
GBU6005 DIODES-GBU6005_1 Datasheet
67Kb / 3P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21226 Rev. 7 - 2
logo
Yea Shin Technology Co....
GBJ6005 YEASHIN-GBJ6005 Datasheet
371Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Shunye Electro...
GBU610 SHUNYE-GBU610 Datasheet
147Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBJ6A ZSELEC-GBJ6A Datasheet
72Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBL601 ZSELEC-KBL601 Datasheet
84Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
HBS605 ZSELEC-HBS605 Datasheet
120Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS601M ZSELEC-RS601M Datasheet
111Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
RS6005M ZSELEC-RS6005M Datasheet
114Kb / 2P
6.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com