Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU6A Datasheet (PDF) - Yea Shin Technology Co., Ltd

KBU6A Datasheet PDF - Yea Shin Technology Co., Ltd
Part # KBU6A
Download  KBU6A Download
File Size   515.55 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER

KBU6A Datasheet (PDF)

Go To PDF Page Download Datasheet
KBU6A Datasheet PDF - Yea Shin Technology Co., Ltd

Part # KBU6A
Download  KBU6A Click to download

File Size   515.55 Kbytes
Page   2 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER

KBU6A Datasheet (HTML) - Yea Shin Technology Co., Ltd


KBU6A Product details

VOLTAGE RANGE-50 to 1000 Volts CURRENT-6.0 Amperes

FEATURES
• Low leakage
• Low forward voltage
• Surge overload rating: 250 Amperes peak
• Molded structure
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS
   environment substance directive request




Similar Part No. - KBU6A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBU6A PANJIT-KBU6A Datasheet
124Kb / 2P
SILICON SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 6.0 Amperes)
logo
Semtech Corporation
KBU6A SEMTECH-KBU6A Datasheet
159Kb / 2P
4.0A/6.0A/8.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBU6A FAIRCHILD-KBU6A Datasheet
30Kb / 3P
6.0 Ampere Silicon Bridge Rectifiers
logo
Shanghai Lunsure Electr...
KBU6A CHENYI-KBU6A Datasheet
153Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results


Similar Description - KBU6A

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR5005 DCCOM-BR5005 Datasheet
430Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBH2A DCCOM-KBH2A Datasheet
356Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC6005 DCCOM-KBPC6005 Datasheet
439Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR3505L DCCOM-BR3505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
BR1505L DCCOM-BR1505L Datasheet
186Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505 DCCOM-MBR1505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR1505W DCCOM-MBR1505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505 DCCOM-MBR2505 Datasheet
288Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
MBR2505W DCCOM-MBR2505W Datasheet
263Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com