Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z13VB Datasheet (PDF) - Yea Shin Technology Co., Ltd

MM3Z13VB Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MM3Z13VB
Download  MM3Z13VB Download
File Size   1383.21 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 200mW SOD-323 SURFACE MOUNT

MM3Z13VB Datasheet (PDF)

Go To PDF Page Download Datasheet
MM3Z13VB Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MM3Z13VB
Download  MM3Z13VB Click to download

File Size   1383.21 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 200mW SOD-323 SURFACE MOUNT

MM3Z13VB Datasheet (HTML) - Yea Shin Technology Co., Ltd


MM3Z13VB Product details

Specification Features:
■ Wide Zener Voltage Range Selection, 2.4V to 75V
■ VZ Tolerance Selection of ±2% (B Series)
■ Flat Lead SOD-323 Small Outline Plastic Package
■ Surface Device Type Mounting
■ Moisture Sensitivity Level 1
■ Clip Bonding Construction, Good Thermal Capability
■ Pb Free Version and RoHS Compliant
■ Matte Tin(Sn) Lead Finish with Nickel(Ni) Underplate
■ Band Indicates Cathode




Similar Part No. - MM3Z13VB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z13VB FAIRCHILD-MM3Z13VB Datasheet
490Kb / 6P
Zener Diodes
logo
SUNMATE electronic Co.,...
MM3Z13VB SUNMATE-MM3Z13VB Datasheet
667Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
ON Semiconductor
MM3Z13VB ONSEMI-MM3Z13VB Datasheet
262Kb / 7P
Zener Diodes
June, 2021 ??Rev. 1
logo
Tak Cheong Electronics ...
MM3Z13VBW TAK_CHEONG-MM3Z13VBW Datasheet
267Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z13VBW TAK_CHEONG-MM3Z13VBW Datasheet
289Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results


Similar Description - MM3Z13VB

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM5Z2V4 YEASHIN-MM5Z2V4 Datasheet
1Mb / 4P
200mW SOD-523 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
200mW SOD-323 SURFACE MOUNT
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
Shanghai Shunye Electro...
1SS400 SHUNYE-1SS400 Datasheet
227Kb / 4P
200mW SOD-523 SURFACE MOUNT
logo
Nanjing International G...
RB521S-30 DGNJDZ-RB521S-30 Datasheet
159Kb / 3P
200mW SOD-523 SURFACE MOUNT
logo
Rectron Semiconductor
1N4148WT RECTRON-1N4148WT Datasheet
189Kb / 6P
200mW SOD-523 SURFACE MOUNT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com