Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5263B Datasheet (PDF) - Yea Shin Technology Co., Ltd

MMSZ5263B Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MMSZ5263B
Download  MMSZ5263B Download
File Size   1456.91 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500mW SOD-123 SURFACE MOUNT

MMSZ5263B Datasheet (PDF)

Go To PDF Page Download Datasheet
MMSZ5263B Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MMSZ5263B
Download  MMSZ5263B Click to download

File Size   1456.91 Kbytes
Page   4 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description 500mW SOD-123 SURFACE MOUNT

MMSZ5263B Datasheet (HTML) - Yea Shin Technology Co., Ltd


MMSZ5263B Product details

Specification Features:

■ Wide Zener Voltage Range Selection, 2.4V to 56V

■ VZ Tolerance Selection of ±5%

■ Flat Lead SOD-123 Plastic Package

■ Surface Device Type Mounting

■ Moisture Sensitivity Level 1

■ Clip Bonding Construction, Good Thermal Capability

■ Pb Free Version and RoHS Compliant

■ Matte Tin(Sn) Lead Finish with Nickel(Ni) Underplate

■ Band Indicates Cathode



 




Similar Part No. - MMSZ5263B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
54Kb / 2P
Surface mount Zener Diodes
logo
Weitron Technology
MMSZ5263B WEITRON-MMSZ5263B Datasheet
244Kb / 5P
Surface Mount Zener Diodes
logo
Diotec Semiconductor
MMSZ5263B DIOTEC-MMSZ5263B Datasheet
98Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5263B TAITRON-MMSZ5263B Datasheet
203Kb / 6P
500mW Two Terminals SMD Zener Diodes
logo
Guangdong Kexin Industr...
MMSZ5263B KEXIN-MMSZ5263B Datasheet
47Kb / 2P
Surface Mount Zener Diodes
More results


Similar Description - MMSZ5263B

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW Datasheet
217Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
BZT52C SECOS-BZT52C Datasheet
685Kb / 4P
500mW SOD-123 Surface Mount Zener Diodes
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
500mW, SOD-123 Series Surface Mount Zener Diodes
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
500mW SOD-123 SURFACE MOUNT
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
Zener Diode 500mW SOD-123 Surface Mount
logo
Shanghai Leiditech Elec...
MMSZ2V0CWG LEIDITECH-MMSZ2V0CWG Datasheet
531Kb / 4P
500mW SOD-123 SURFACE MOUNT Gull Wing Lead Surface Mount Plastic Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com