Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHK080A-SRA Datasheet (PDF) - United Monolithic Semiconductors

CHK080A-SRA Datasheet PDF - United Monolithic Semiconductors
Part # CHK080A-SRA
Download  CHK080A-SRA Download
File Size   577.51 Kbytes
Page   14 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 80W Power Packaged Transistor

CHK080A-SRA Datasheet (PDF)

Go To PDF Page Download Datasheet
CHK080A-SRA Datasheet PDF - United Monolithic Semiconductors

Part # CHK080A-SRA
Download  CHK080A-SRA Click to download

File Size   577.51 Kbytes
Page   14 Pages
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors
Description 80W Power Packaged Transistor

CHK080A-SRA Datasheet (HTML) - United Monolithic Semiconductors


CHK080A-SRA Product details

Description
The CHK080A-SRA is an unmatched Packaged Gallium Nitride High Electron Mobility Transistor. It offers general purpose and broadband solutions for a variety of RF power applications. It is well suited for multipurpose applications such as radar and telecommunication.
The CHK080A-SRA is developed on a 0.5µm gate length GaN HEMT process. It requires an external matching circuitry.
The CHK080A-SRA is available in a ceramic-metal flange power package providing low parasitic and low thermal resistance.

Main Features
■ Wide band capability: up to 3.5GHz
■ Pulsed and CW operating modes
■ High power : > 80W
■ High Efficiency : up to 70%
■ DC bias: VDS =50V @ ID_Q =600mA
■ MTTF > 106 hours @ Tj=200°C
■ RoHS Flange Ceramic package




Similar Part No. - CHK080A-SRA

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
15W Power Packaged Transistor
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
15W Power Packaged Transistor
CHK015A-SMA26 UMS-CHK015A-SMA26 Datasheet
410Kb / 12P
15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
25W Power Packaged Transistor
CHK025A-SOA26 UMS-CHK025A-SOA26 Datasheet
581Kb / 14P
25W Power Packaged Transistor
More results


Similar Description - CHK080A-SRA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 80W80W
logo
M/A-COM Technology Solu...
DU2880T MA-COM-DU2880T Datasheet
145Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880U MA-COM-DU2880U Datasheet
156Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
DU2880V MA-COM-DU2880V Datasheet
154Kb / 3P
RF Power MOSFET Transistor 80W, 2-175MHz, 28V
logo
Sanyo Semicon Device
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
logo
United Monolithic Semic...
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
15W Power Packaged Transistor
CHK025A-SOA UMS-CHK025A-SOA Datasheet
581Kb / 14P
25W Power Packaged Transistor
CHK040A-SOA UMS-CHK040A-SOA Datasheet
405Kb / 14P
40W Power Packaged Transistor
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
80W Power Supply
logo
United Monolithic Semic...
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
15W Power Packaged Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com