Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2425 Datasheet (PDF) - Crydom Inc.,

D2425 Datasheet PDF - Crydom Inc.,
Part # D2425
Download  D2425 Download
File Size   822.06 Kbytes
Page   6 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description panel mount

D2425 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2425 Datasheet PDF - Crydom Inc.,

Part # D2425
Download  D2425 Click to download

File Size   822.06 Kbytes
Page   6 Pages
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,
Description panel mount

D2425 Datasheet (HTML) - Crydom Inc.,


D2425 Product details

Series 1 240 VAC

• Ratings from 10A to 125A @ 24-280 VAC
• SCR output for heavy industrial loads
• Zero turn-on or instantaneous turn-on outputs
• UL/CSA/VDE Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control
• Direct bond copper substrate
• EMC compliant to Level 3
• Direct power lead frame
• Epoxy free design




Similar Part No. - D2425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2425 ETC1-D2425 Datasheet
100Kb / 3P
Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
D2425 CRYDOM-D2425 Datasheet
748Kb / 5P
SCR output for heavy industrial loads
D2425 CRYDOM-D2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2425 CRYDOM-D2425 Datasheet
759Kb / 8P
Ratings from 10A to 125A @ 24-280 VAC
D2425 CRYDOM-D2425 Datasheet
1,017Kb / 8P
Panel Mount
More results


Similar Description - D2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP_AC CRYDOM-3RHP_AC Datasheet
938Kb / 6P
Panel Mount
3RHP_DC CRYDOM-3RHP_DC Datasheet
939Kb / 6P
Panel Mount
D06D CRYDOM-D06D Datasheet
589Kb / 4P
Panel Mount
H12WD CRYDOM-H12WD Datasheet
756Kb / 5P
Panel Mount
B53TP25C CRYDOM-B53TP25C Datasheet
678Kb / 5P
PANEL MOUNT
A53TP25D CRYDOM-A53TP25D_11 Datasheet
778Kb / 6P
panel mount
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
panel mount
D06D60 CRYDOM-D06D60_12 Datasheet
630Kb / 4P
panel mount
D2425D CRYDOM-D2425D Datasheet
775Kb / 5P
panel mount
logo
Pepperl+Fuchs Inc.
V1D-M16-V1D PF-V1D-M16-V1D Datasheet
141Kb / 1P
panel mount
2018-11-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com