Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KU045N10P Datasheet (PDF) - KEC(Korea Electronics)

KU045N10P Datasheet PDF - KEC(Korea Electronics)
Part # KU045N10P
Download  KU045N10P Download
File Size   2543.82 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N-ch Trench MOS FET

KU045N10P Datasheet (PDF)

Go To PDF Page Download Datasheet
KU045N10P Datasheet PDF - KEC(Korea Electronics)

Part # KU045N10P
Download  KU045N10P Click to download

File Size   2543.82 Kbytes
Page   7 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description N-ch Trench MOS FET

KU045N10P Datasheet (HTML) - KEC(Korea Electronics)


KU045N10P Product details

General Description
This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for DC/DC Converter, Synchronous Rectification and a load switch in battery powered applications

FEATURES
• VDSS= 100V, ID= 150A
• Drain-Source ON Resistance : RDS(ON)=4.5mΩ (Max.) @VGS = 10V




Similar Part No. - KU045N10P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU047N08P KEC-KU047N08P Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU047N08P KEC-KU047N08P_15 Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
N-Ch Trench MOSFET
More results


Similar Description - KU045N10P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU035N06P KEC-KU035N06P Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU047N08P KEC-KU047N08P Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU310N10P KEC-KU310N10P Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU024N06P KEC-KU024N06P Datasheet
1Mb / 7P
N-ch Trench MOS FET
KU034N08P KEC-KU034N08P Datasheet
1Mb / 7P
N-ch Trench MOS FET
KU035N06P KEC-KU035N06P_15 Datasheet
411Kb / 7P
N-ch Trench MOS FET
KU086N10P KEC-KU086N10P_15 Datasheet
1Mb / 7P
N-ch Trench MOS FET
KUS086N10D KEC-KUS086N10D Datasheet
77Kb / 7P
N-ch Trench MOS FET
KUS086N10F KEC-KUS086N10F Datasheet
78Kb / 7P
N-ch Trench MOS FET
KUS220N10D KEC-KUS220N10D Datasheet
98Kb / 9P
N-ch Trench MOS FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com