Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16448 Datasheet (PDF) - Analog Devices

ADIS16448 Datasheet PDF - Analog Devices
Part # ADIS16448
Download  ADIS16448 Download
File Size   1675.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board User Guide

ADIS16448 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADIS16448 Datasheet PDF - Analog Devices

Part # ADIS16448
Download  ADIS16448 Click to download

File Size   1675.82 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Evaluation Board User Guide

ADIS16448 Datasheet (HTML) - Analog Devices


ADIS16448 Product details

GENERAL DESCRIPTION
The iSensor® family of products provides a serial peripheral interface (SPI) for data communications. The SPI interface and a well-calibrated cluster of sensors enable quick integration into systems that employ embedded processor systems. For users who are familiar with embedded processors, integrating the iSensor device with a familiar processor system enables development with familiar software tools, provides more flexibility, and enables more design reuse after the initial sensor evaluation is complete. For users who are unfamiliar with embedded processors and their development tools, the EVAL-ADIS system provides a simple PC-based tool for getting started with iSensor products.

FEATURES
   PC USB evaluation system for inertial measurement units
      Product-specific evaluation software
   Windows XP, Windows Vista, and Windows 7 compatible
      32-bit and 64-bit USB driver support
      USB 2.0 or subsequent version required
   Synchronous data acquisition
      Maximum sample rate for most ADIS16xxx products
   No external power supply required for most products

KIT CONTENTS
   EVAL-ADIS circuit board
   16-pin ribbon connector, 2 mm
   USB mini cable, 6 ft
   M2 × 0.4 mm machine screw kit




Similar Part No. - ADIS16448

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16448/PCBZ AD-ADIS16448/PCBZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
ADIS16448AMLZ AD-ADIS16448AMLZ Datasheet
564Kb / 24P
Compact, Precision Ten Degrees of Freedom Inertial Sensor
REV. B
More results


Similar Description - ADIS16448

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
IRU3146 EVALUATION BOARD USER GUIDE
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
Evaluation Board User?셲 Guide
May 25, 2010
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
Evaluation Board User?셲 Guide
November 6, 2009
logo
Analog Devices
UG-272 AD-UG-272 Datasheet
558Kb / 12P
Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
UG-486 AD-UG-486 Datasheet
532Kb / 8P
Evaluation Board User Guide
REV. 0
UG-128 AD-UG-128 Datasheet
225Kb / 8P
Evaluation Board User Guide
REV. B
logo
International Rectifier
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
IRU3046 EVALUATION BOARD USER GUIDE
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
Evaluation Board User Guide
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com