Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0453 Datasheet (PDF) - ISOCOM COMPONENTS

ICPL0453 Datasheet PDF - ISOCOM COMPONENTS
Part # ICPL0453
Download  ICPL0453 Download
File Size   547.49 Kbytes
Page   10 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description DESCRIPTION

ICPL0453 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICPL0453 Datasheet PDF - ISOCOM COMPONENTS

Part # ICPL0453
Download  ICPL0453 Click to download

File Size   547.49 Kbytes
Page   10 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description DESCRIPTION

ICPL0453 Datasheet (HTML) - ISOCOM COMPONENTS


ICPL0453 Product details

DESCRIPTION
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor.
These devices belong to Isocom Compact Range of optocouplers.

FEATURES
• Half Pitch 1.27mm
• High speed 1Mbit/s
• 15kV/μs min. Common Mode Transient Immunity
• (ICPL0453)
• High AC Isolation Voltage 3750Vrms
• Guaranteed Performance from 0°C to 70°C
• Wide Operating Temperature Range -55°C to 100°C
• Pb Free and RoHS Compliant
• Halogen Free
• Safety Approvals Pending

APPLICATIONS
• Line Receivers
• Telecommunication Equipments
• Power Transistor Isolation in Motor Drives
• Replacement of Low Speed Phototransistor Optocouplers
• Feedback Loop in Switch Mode Power Supplies
• High Speed Logic Ground Isolation
• Home Appliances




Similar Part No. - ICPL0453

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0453SMT-R ISOCOM-ICPL0453SMT-R Datasheet
547Kb / 10P
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
More results


Similar Description - ICPL0453

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGL40N150 FAIRCHILD-SGL40N150 Datasheet
351Kb / 7P
General Description
SGR20N40L FAIRCHILD-SGR20N40L Datasheet
149Kb / 5P
General Description
logo
Aplus Intergrated Circu...
AP778 APLUS-AP778 Datasheet
684Kb / 12P
GENERAL DESCRIPTION
logo
Intel Corporation
8XC251TA INTEL-8XC251TA_1 Datasheet
94Kb / 18P
Hardware Description
logo
Alpha & Omega Semicondu...
AOWF12N60 AOSMD-AOWF12N60 Datasheet
114Kb / 1P
Marking Description
logo
Cherry Semiconductor Co...
0609-0760 CHERRY-0609-0760 Datasheet
6Mb / 8P
Description
logo
Exar Corporation
SP6205EM5-L-3-3 EXAR-SP6205EM5-L-3-3 Datasheet
1Mb / 14P
GENERAL DESCRIPTION
logo
ISOCOM COMPONENTS
ICPL0600 ISOCOM-ICPL0600 Datasheet
608Kb / 13P
DESCRIPTION
ICPL2630 ISOCOM-ICPL2630_12 Datasheet
684Kb / 9P
DESCRIPTION
logo
Japan Aviation Electron...
SJ109548 JAE-SJ109548 Datasheet
110Kb / 1P
DESCRIPTION
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com