Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8345 Datasheet (PDF) - Analog Devices

AD8345 Datasheet PDF - Analog Devices
Part # AD8345
Download  AD8345 Download
File Size   209.66 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity

AD8345 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8345 Datasheet PDF - Analog Devices

Part # AD8345
Download  AD8345 Click to download

File Size   209.66 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Correcting Imperfections in IQ Modulators to Improve RF Signal Fidelity

AD8345 Datasheet (HTML) - Analog Devices


AD8345 Product details

INTRODUCTION
The in-phase and quadrature modulator (IQ modulator) is a key component in modern wireless transmitters. It provides a convenient method for modulating data bits or symbols onto an RF carrier. IQ upconversion has become the architecture of choice for implementing transmitter signal chains for end applications such as cellular, WiMAX, and wireless point-topoint. IQ modulators, however, can degrade signal fidelity in ways that are somewhat unique. These effects can degrade the quality of the transmitted signal during the modulation process, resulting in degraded error vector magnitude (EVM) at the receiver, which in turn degrades bit error rate (BER). Fortunately, algorithms exist that can correct these imperfections.




Similar Part No. - AD8345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8345 AD-AD8345 Datasheet
372Kb / 16P
250 MHz.1000 MHz Quadrature Modulator
REV.0
AD8345 AD-AD8345 Datasheet
2Mb / 20P
300 MHz to 1000 MHz Quadrature Modulator
10/06-Revision 0
AD8345 AD-AD8345 Datasheet
2Mb / 32P
400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
AD8345-EVAL AD-AD8345-EVAL Datasheet
372Kb / 16P
250 MHz.1000 MHz Quadrature Modulator
REV.0
AD8345-EVAL AD-AD8345-EVAL Datasheet
362Kb / 20P
140 MHz to 1000 MHz Quadrature Modulator
REV. B
More results


Similar Description - AD8345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7053 SANYO-LA7053 Datasheet
66Kb / 3P
Video, Audio Signal Processor for UHF Band RF Modulators
logo
Siemens Semiconductor G...
BF771 SIEMENS-BF771 Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
BF771W SIEMENS-BF771W Datasheet
19Kb / 3P
NPN Silicon RF Transistor (For modulators and amplifiers in TV and VCR tuners)
logo
Freescale Semiconductor...
MC44CC373CA FREESCALE-MC44CC373CA Datasheet
436Kb / 28P
CMOS Audio/Video RF Modulators
logo
List of Unclassifed Man...
CLG04P050L28 ETC2-CLG04P050L28 Datasheet
907Kb / 26P
Super Capacitors To Improve Power Performance.
logo
Panasonic Semiconductor
MN101E34 PANASONIC-MN101E34 Datasheet
321Kb / 3P
Correcting address designation: Up to 7 addresses possible
logo
Bothhand USA, LP.
KLU1T041C-34-LF BOTHHAND-KLU1T041C-34-LF Datasheet
792Kb / 2P
Reduced EMI radiation to improve EMI performance
KLU1T041C-43-LF BOTHHAND-KLU1T041C-43-LF Datasheet
227Kb / 2P
Reduced EMI radiation to improve EMI performance
KLU1T516-34-LF BOTHHAND-KLU1T516-34-LF Datasheet
225Kb / 2P
Reduced EMI radiation to improve EMI performance
KLU4S041X-LF BOTHHAND-KLU4S041X-LF Datasheet
220Kb / 2P
Reduced EMI radiation to improve EMI performance
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com