Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVG20C Datasheet (PDF) - OptoDiode Corp

UVG20C Datasheet PDF - OptoDiode Corp
Part # UVG20C
Download  UVG20C Download
File Size   245.94 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 20 mm

UVG20C Datasheet (PDF)

Go To PDF Page Download Datasheet
UVG20C Datasheet PDF - OptoDiode Corp

Part # UVG20C
Download  UVG20C Click to download

File Size   245.94 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description PHOTODIODE 20 mm

UVG20C Datasheet (HTML) - OptoDiode Corp




Similar Part No. - UVG20C

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG20C OPTODIODE-UVG20C Datasheet
368Kb / 2P
PHOTODIODE 20 mm2
UVG20C OPTODIODE-UVG20C_15 Datasheet
368Kb / 2P
PHOTODIODE 20 mm2
More results


Similar Description - UVG20C

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
UVG100 OPTODIODE-UVG100 Datasheet
283Kb / 2P
PHOTODIODE 100 mm
SXUV300C OPTODIODE-SXUV300C Datasheet
247Kb / 2P
PHOTODIODE 331 mm
SXUV5 OPTODIODE-SXUV5 Datasheet
255Kb / 2P
PHOTODIODE 2.5 mm
ODD-AXU-168 OPTODIODE-ODD-AXU-168 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
ODD-SXU-004 OPTODIODE-ODD-SXU-004 Datasheet
254Kb / 2P
PHOTODIODE 횠5 mm
ODD-SXU-051 OPTODIODE-ODD-SXU-051 Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
AXUV20ELG OPTODIODE-AXUV20ELG_18 Datasheet
503Kb / 4P
Photodiode 20 Element
AXUVHS11 OPTODIODE-AXUVHS11_15 Datasheet
279Kb / 2P
PHOTODIODE 횠0.60 mm
SXUV20C OPTODIODE-SXUV20C Datasheet
287Kb / 2P
PHOTODIODE 20 mm2
UVG20C OPTODIODE-UVG20C_15 Datasheet
368Kb / 2P
PHOTODIODE 20 mm2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com