Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA431AD Datasheet (PDF) - Fairchild Semiconductor

KA431AD Datasheet PDF - Fairchild Semiconductor
Part # KA431AD
Download  KA431AD Download
File Size   90.03 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Programmable Shunt Regulator

KA431AD Datasheet (PDF)

Go To PDF Page Download Datasheet
KA431AD Datasheet PDF - Fairchild Semiconductor

Part # KA431AD
Download  KA431AD Click to download

File Size   90.03 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Programmable Shunt Regulator

KA431AD Datasheet (HTML) - Fairchild Semiconductor


KA431AD Product details

Description

The KA431/KA431A/KA431L are three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF (approximately 2.5 volts) and 36 volts with two external resistors These devices have a typical dynamic output impedance of 0.2Ω. Active output circuitry provides a very sharp turn on characteristic, making these devices excellent replacement for zener diodes in many applications.



Features

• Programmable Output Voltage to 36 Volts

• Low Dynamic Output Impedance 0.2ΩTypical

• Sink Current Capability of 1.0 to 100mA

• Equivalent Full-Range Temperature Coefficient of 50ppm/°C Typical

• Temperature Compensated for Operation Over Full Rated Operating Temperature Range

• Low Output Noise Voltage

• Fast Turn-on Response




Similar Part No. - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA431AD FAIRCHILD-KA431AD Datasheet
1Mb / 13P
Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431AD FAIRCHILD-KA431AD Datasheet
153Kb / 12P
Programmable Shunt Regulator
KA431ADTF FAIRCHILD-KA431ADTF Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431ADTF ONSEMI-KA431ADTF Datasheet
340Kb / 11P
Programmable Shunt Regulator
Octeber-2017, Rev. 2
More results


Similar Description - KA431AD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
Programmable Shunt Regulator
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
Programmable Shunt Regulator
LM336-5.0 FAIRCHILD-LM336-5.0 Datasheet
64Kb / 6P
Programmable Shunt Regulator
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
Programmable Shunt Regulator
KA431 FAIRCHILD-KA431_11 Datasheet
153Kb / 12P
Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
Programmable Shunt Regulator
March 2015 Rev. 6.7
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com