Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

58074-1 Datasheet (PDF) - Tyco Electronics

58074-1 Datasheet PDF - Tyco Electronics
Part # 58074-1
Download  58074-1 Download
File Size   662.19 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMP CT Connector Series

58074-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
58074-1 Datasheet PDF - Tyco Electronics

Part # 58074-1
Download  58074-1 Click to download

File Size   662.19 Kbytes
Page   6 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description AMP CT Connector Series

58074-1 Datasheet (HTML) - Tyco Electronics


58074-1 Product details

POST HEADER ASSY (BOX-V DIP) (AMP CT CONNECTOR 2mm PITCH)




Similar Part No. - 58074-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
58074-1 MACOM-58074-1 Datasheet
297Kb / 6P
The head must be installed in Pistol Grip Manual Handle Assembly
58074-1 MACOM-58074-1 Datasheet
296Kb / 6P
The head must be installed in Pistol Grip Manual Handle Assembly
logo
TE Connectivity Ltd
58074-1 TEC-58074-1 Datasheet
628Kb / 6P
AMPMODU MTE Interconnect System
03/2011
58074-1 TEC-58074-1 Datasheet
631Kb / 6P
AMPMODU MTE Interconnect System
58074-1 TEC-58074-1 Datasheet
656Kb / 6P
AMP CT Connector Series
More results


Similar Description - 58074-1

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
logo
Tyco Electronics
1-353908-3 MACOM-1-353908-3 Datasheet
105Kb / 2P
AMP MINI COMMON TERMINATED (CT) CONNECTOR 1.5mm PITCH HOUSING, CRIMP TYPE
179227-1 MACOM-179227-1 Datasheet
67Kb / 1P
CRIMP TYPE RECEPTACLE CONTACT (AMP CT CONNECTOR 2MM PITCH)
1-292227-4 MACOM-1-292227-4 Datasheet
257Kb / 4P
AMP MiNi CT Connector 1.5mm PITCH
292206-2 MACOM-292206-2 Datasheet
613Kb / 6P
1.5 mm AMP Mini CT Connector Series
5-292206-2 MACOM-5-292206-2 Datasheet
192Kb / 2P
AMP Mini CT Connector 1.5mm Pitch
2-292246-2 MACOM-2-292246-2 Datasheet
328Kb / 3P
RECEPTACLE ASSEMBLY FOR AMP 1.5 PITCH MINI CT HYBRID LATTICE CONNECTOR
logo
M-System Co.,Ltd.
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
CT PROTECTOR
logo
DIWELL Electronics Co.,...
CT-G DIWELL-CT-G_V01 Datasheet
507Kb / 4P
CT-G Series Test board
1.0.0 2022. 5. 9.
CT-N DIWELL-CT-N_V01 Datasheet
504Kb / 4P
CT-N Series Test board
1.0.0 2022. 5. 9.
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com