Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4082 Datasheet (PDF) - Intersil Corporation

HIP4082 Datasheet PDF - Intersil Corporation
Part # HIP4082
Download  HIP4082 Download
File Size   308.3 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 1.25A Peak Current H-Bridge FET Driver

HIP4082 Datasheet (PDF)

Go To PDF Page Download Datasheet
HIP4082 Datasheet PDF - Intersil Corporation

Part # HIP4082
Download  HIP4082 Click to download

File Size   308.3 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 80V, 1.25A Peak Current H-Bridge FET Driver

HIP4082 Datasheet (HTML) - Intersil Corporation


HIP4082 Product details

The HIP4082 is a medium frequency, medium voltage H-Bridge N-Channel MOSFET driver IC, available in 16 lead plastic SOIC (N) and DIP packages.
Specifically targeted for PWM motor control and UPS applications, bridge based designs are made simple and flexible with the HIP4082 H-bridge driver. With operation up to 80V, the device is best suited to applications of moderate power levels.
Similar to the HIP4081, it has a flexible input protocol for driving every possible switch combination except those which would cause a shoot-through condition. The HIP4082’s reduced drive current allows smaller packaging and it has a much wider range of programmable dead times (0.1 to 4.5µs) making it ideal for switching frequencies up to 200kHz. The HIP4082 does not contain an internal charge pump, but does incorporate non-latching level-shift translation control of the upper drive circuits.
This set of features and specifications is optimized for applications where size and cost are important. For applications needing higher drive capability the HIP4080A and HIP4081A are recommended.

Features
• Independently Drives 4 N-Channel FET in Half Bridge or
   Full Bridge Configurations
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load in Free Air at 50°C with Rise and Fall
   Times of Typically 15ns
• User-Programmable Dead Time (0.1 to 4.5µs)
• DIS (Disable) Overrides Input Control and Refreshes
   Bootstrap Capacitor when Pulled Low
• Input Logic Thresholds Compatible with 5V to 15V Logic
   Levels
• Shoot-Through Protection
• Undervoltage Protection
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• UPS Systems
• DC Motor Controls
• Full Bridge Power Supplies
• Switching Power Amplifiers
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• Medium/Large Voice Coil Motors
• Related Literature
   - TB363, Guidelines for Handling and Processing
      Moisture Sensitive Surface Mount Devices (SMDs)




Similar Part No. - HIP4082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
logo
Renesas Technology Corp
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
logo
Intersil Corporation
HIP4082 INTERSIL-HIP4082 Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
HIP4082IB INTERSIL-HIP4082IB Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
More results


Similar Description - HIP4082

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6700 INTERSIL-ISL6700 Datasheet
255Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
ISL83202 INTERSIL-ISL83202 Datasheet
227Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
HIP4086 INTERSIL-HIP4086_11 Datasheet
486Kb / 16P
80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
June 1, 2011
HIP4082IBZT INTERSIL-HIP4082IBZT Datasheet
302Kb / 12P
80V, 1.25A Peak Current H-Bridge FET Driver
January 3, 2006
HIP4082IB INTERSIL-HIP4082IB Datasheet
309Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
September 30, 2015
ISL6700IB INTERSIL-ISL6700IB Datasheet
258Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
December 29, 2004
ISL83202IBZ INTERSIL-ISL83202IBZ Datasheet
230Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
December 20, 2006
logo
Renesas Technology Corp
ISL6700 RENESAS-ISL6700 Datasheet
435Kb / 8P
80V/1.25A Peak, Medium Frequency, Low Cost, Half-Bridge Driver
HIP4082 RENESAS-HIP4082 Datasheet
624Kb / 14P
80V, 1.25A Peak Current H-Bridge FET Driver
ISL83202 RENESAS-ISL83202 Datasheet
558Kb / 12P
55V, 1A Peak Current H-Bridge FET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com