Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLA106-24051 Datasheet (PDF) - Isahaya Electronics Corporation

VLA106-24051 Datasheet PDF - Isahaya Electronics Corporation
Part # VLA106-24051
Download  VLA106-24051 Download
File Size   216.5 Kbytes
Page   5 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description ISOLATED TYPE DC-DC CONVERTER

VLA106-24051 Datasheet (PDF)

Go To PDF Page Download Datasheet
VLA106-24051 Datasheet PDF - Isahaya Electronics Corporation

Part # VLA106-24051
Download  VLA106-24051 Click to download

File Size   216.5 Kbytes
Page   5 Pages
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description ISOLATED TYPE DC-DC CONVERTER

VLA106-24051 Datasheet (HTML) - Isahaya Electronics Corporation


VLA106-24051 Product details

DESCRIPTION

The VLA106-24051 is a DC-DC converter. Its output power is 1.5W and the input is isolated from the output. The over-current protection circuit is built-in and it is the best for on-board power supplies, such as industrial equipment and control equipment.



FEATURES

• Input voltage range: 21.6 to 26.4V DC

• Output: +5V, 300mA (output power: 1.5W)

• Thin-profile and lightweight design

• Isolation between input and output : 2500Vrms, 1min

• Built-in over-current protection circuit



APPLICATIONS

  On-board power supplies for control equipment.



 




Similar Part No. - VLA106-24051

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA106-24123 ISAHAYA-VLA106-24123 Datasheet
105Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA106-24151 ISAHAYA-VLA106-24151 Datasheet
123Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
logo
Powerex Power Semicondu...
VLA106-24151 POWEREX-VLA106-24151 Datasheet
390Kb / 2P
Isolated DC/DC Converter
logo
Isahaya Electronics Cor...
VLA106-24154 ISAHAYA-VLA106-24154 Datasheet
122Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
logo
Powerex Power Semicondu...
VLA106-24154 POWEREX-VLA106-24154 Datasheet
370Kb / 2P
Isolated DC/DC Converter
More results


Similar Description - VLA106-24051

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
VLA106-24154 ISAHAYA-VLA106-24154 Datasheet
122Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA106-15051 ISAHAYA-VLA106-15051 Datasheet
134Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA106-15154 ISAHAYA-VLA106-15154 Datasheet
104Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA106-24123 ISAHAYA-VLA106-24123 Datasheet
105Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA301-122R ISAHAYA-VLA301-122R Datasheet
126Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA312-2425 ISAHAYA-VLA312-2425 Datasheet
150Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA313-2450 ISAHAYA-VLA313-2450 Datasheet
141Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA308-01AR ISAHAYA-VLA308-01AR Datasheet
512Kb / 4P
ISOLATED TYPE DC-DC CONVERTER
VLA313L-2450A ISAHAYA-VLA313L-2450A Datasheet
566Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
VLA129-2400GTR ISAHAYA-VLA129-2400GTR Datasheet
262Kb / 5P
ISOLATED TYPE DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com