Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF949T1 Datasheet (PDF) - Motorola, Inc

MRF949T1 Datasheet PDF - Motorola, Inc
Part # MRF949T1
Download  MRF949T1 Download
File Size   166.22 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW NOISE TRANSISTORS

MRF949T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF949T1 Datasheet PDF - Motorola, Inc

Part # MRF949T1
Download  MRF949T1 Click to download

File Size   166.22 Kbytes
Page   14 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description LOW NOISE TRANSISTORS

MRF949T1 Datasheet (HTML) - Motorola, Inc


MRF949T1 Product details

The RF Line
NPN Silicon Low Noise Transistor

Motorola’s MRF949 is a high performance NPN transistor designed for use in high gain, low noise small–signal amplifiers. The MRF949 is well suited for low voltage wireless applications. This device features a 9 GHz DC current gain–bandwidth product with excellent linearity.

• Low Noise Figure, NFmin = 1.4 dB (Typ) @ 1 GHz @ 5 mA
• High Current Gain–Bandwidth Product, ft = 9 GHz @ 15 mA
• Maximum Stable Gain = 18 dB @ 1 GHz @ 5 mA
• Output Third Order Intercept, OIP3 = +29 dBm @ 1 GHz @ 10 mA
• Fully Ion–Implanted with Gold Metallization and Nitride Passivation
• Available in Tape and Reel Packaging Options:
   T1 Suffix = 3,000 Units per Reel




Similar Part No. - MRF949T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9411LT1 MOTOROLA-MRF9411LT1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
MRF947 MOTOROLA-MRF947 Datasheet
274Kb / 14P
NPN Silicon Low Noise, High-Frequency Transistors
MRF947AT1 MOTOROLA-MRF947AT1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
MRF947BT1 MOTOROLA-MRF947BT1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
MRF947T1 MOTOROLA-MRF947T1 Datasheet
309Kb / 17P
NPN Silicon Low Noise, High-Frequency Transistors
More results


Similar Description - MRF949T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC549B MOTOROLA-BC549B Datasheet
110Kb / 4P
Low Noise Transistors
BC559 MOTOROLA-BC559 Datasheet
107Kb / 4P
Low Noise Transistors
MMBT5088LT1 MOTOROLA-MMBT5088LT1 Datasheet
298Kb / 6P
Low Noise Transistors
MRF2947 MOTOROLA-MRF2947 Datasheet
181Kb / 12P
LOW NOISE TRANSISTORS
MRF959T1 MOTOROLA-MRF959T1 Datasheet
171Kb / 12P
LOW NOISE TRANSISTORS
logo
ON Semiconductor
BC559B ONSEMI-BC559B Datasheet
84Kb / 4P
Low Noise Transistors
1997
BC560C ONSEMI-BC560C Datasheet
137Kb / 4P
Low Noise Transistors
June, 2009 ??Rev. 3
BC560CG ONSEMI-BC560CG Datasheet
98Kb / 4P
Low Noise Transistors
July, 2012 ??Rev. 4
BC559 ONSEMI-BC559 Datasheet
131Kb / 4P
Low Noise Transistors
August, 2006 ??Rev. 3
MMBT5088L ONSEMI-MMBT5088L Datasheet
188Kb / 5P
Low Noise Transistors
October, 2016 ??Rev. 6
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com