Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-R2ML-500 Datasheet (PDF) - Omron Electronics LLC

E5CN-R2ML-500 Datasheet PDF - Omron Electronics LLC
Part # E5CN-R2ML-500
Download  E5CN-R2ML-500 Download
File Size   5901.3 Kbytes
Page   72 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Digital Temperature Controllers/Digital Controllers

E5CN-R2ML-500 Datasheet (PDF)

Go To PDF Page Download Datasheet
E5CN-R2ML-500 Datasheet PDF - Omron Electronics LLC

Part # E5CN-R2ML-500
Download  E5CN-R2ML-500 Click to download

File Size   5901.3 Kbytes
Page   72 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Digital Temperature Controllers/Digital Controllers

E5CN-R2ML-500 Datasheet (HTML) - Omron Electronics LLC


E5CN-R2ML-500 Product details

A New High-performance Controller: High Resolution, High Speed, and High Input Accuracy.

Logic Operations and Preventive Maintenance Function.



• High-resolution display with 5 digits/0.01°C display in a compact Controller (48 x 48 mm).

• High-speed sampling cycle of 60 ms.

• High Accuracy

  Thermocouple/Pt input: ±0.1% of PV

  Analog input: ±0.1% FS

• Universal inputs on all models (thermocouple, PT, or analog input) to handle various sensors with one Controller.

• A PV/SV-status display function can be set to automatically alternate between displaying the status of the Temperature Controller (auto/manual, RUN/STOP, and alarms) and the PV or SV.

• Flexible contact outputs with logic operations (AND, OR, and delays) set from the Support Software (CX-Thermo Ver. 4.0)

• Preventive maintenance for relays in the Temperature Controller using a Control Output ON/OFF Counter.



 




Similar Part No. - E5CN-R2ML-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5CN-R2ML-500 OMRON-E5CN-R2ML-500 Datasheet
778Kb / 24P
Digital Temperature Controllers
E5CN-R2ML-500 OMRON-E5CN-R2ML-500 Datasheet
1Mb / 15P
Basic-type Digital Temperature Controller
More results


Similar Description - E5CN-R2ML-500

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5GN OMRON-E5GN Datasheet
104Kb / 6P
Digital Temperature Controllers
logo
Zilog, Inc.
Z90231 ZILOG-Z90231 Datasheet
128Kb / 9P
Z8 DIGITAL TELEVISION CONTROLLERS
logo
Omron Electronics LLC
E5CN OMRON-E5CN Datasheet
778Kb / 24P
Digital Temperature Controllers
logo
Texas Instruments
TMS320F28335 TI-TMS320F28335_1 Datasheet
2Mb / 166P
Digital Signal Controllers (DSCs)
TMS320F28335 TI-TMS320F28335_08 Datasheet
2Mb / 170P
Digital Signal Controllers (DSCs)
logo
List of Unclassifed Man...
IR32V0L000 ETC2-IR32V0L000 Datasheet
339Kb / 1P
DIGITAL TEMPERATURE & PROCESS CONTROLLERS
logo
Texas Instruments
UCD3040 TI-UCD3040_15 Datasheet
1Mb / 81P
Digital Power Controllers
logo
Omron Electronics LLC
E5XZ OMRON-E5XZ Datasheet
5Mb / 64P
Digital Temperature Controllers
logo
Texas Instruments
UCC3020 TI1-UCC3020 Datasheet
1Mb / 81P
Digital Power Controllers
TMS320F28335 TI1-TMS320F28335_18 Datasheet
2Mb / 206P
Digital Signal Controllers (DSCs)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com