Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

243052B Datasheet (PDF) - Integrated Technology Future

243052B Datasheet PDF - Integrated Technology Future
Part # 243052B
Download  243052B Download
File Size   179.73 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 80.0 MHz SAW Filter

243052B Datasheet (PDF)

Go To PDF Page Download Datasheet
243052B Datasheet PDF - Integrated Technology Future

Part # 243052B
Download  243052B Click to download

File Size   179.73 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 80.0 MHz SAW Filter

243052B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 243052B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
24305 ETC2-24305 Datasheet
115Kb / 2P
METRIC STANDOFFS AND SPACERS
More results


Similar Description - 243052B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
240501B ITF-240501B Datasheet
171Kb / 2P
80.0 MHz SAW Filter
240555B ITF-240555B Datasheet
172Kb / 2P
80.0 MHz SAW Filter
242005B ITF-242005B Datasheet
165Kb / 2P
80.0 MHz SAW Filter
logo
Oscilent Corporation
821-IF80.0M-20A OSCILENT-821-IF80.0M-20A Datasheet
520Kb / 6P
80.0 MHz IF SAW Filter 20.20 MHz Bandwidth
821-IF80.0M-29A OSCILENT-821-IF80.0M-29A Datasheet
221Kb / 6P
80.0 MHz IF SAW Filter 29.65 MHz Bandwidth
821-IF80.0M-30A OSCILENT-821-IF80.0M-30A Datasheet
221Kb / 6P
80.0 MHz IF SAW Filter 30.20 MHz Bandwidth.
821-IF80.0M-30C OSCILENT-821-IF80.0M-30C Datasheet
218Kb / 6P
80.0 MHz IF SAW Filter 30.18 MHz Bandwidth
logo
Transko Electronics, In...
TA08020CD1 TRANSKO-TA08020CD1 Datasheet
526Kb / 4P
80.0 MHz IF SAW Filter / 19.82 MHz Bandwidth
Revision 0: 10. Mar. 2009
TA08030AD1 TRANSKO-TA08030AD1 Datasheet
571Kb / 4P
80.0 MHz IF SAW Filter / 30.20 MHz Bandwidth
Revision 0: 29. Aug. 2008
TA08030CD1 TRANSKO-TA08030CD1 Datasheet
566Kb / 4P
80.0 MHz IF SAW Filter / 30.18 MHz Bandwidth
Revision 0: 11. Mar. 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com