Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP1CS04DWT Datasheet (PDF) - Renesas Technology Corp

RJP1CS04DWT Datasheet PDF - Renesas Technology Corp
Part # RJP1CS04DWT
Download  RJP1CS04DWT Download
File Size   76.71 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1250V - 50A - IGBT Application: Inverter

RJP1CS04DWT Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP1CS04DWT Datasheet PDF - Renesas Technology Corp

Part # RJP1CS04DWT
Download  RJP1CS04DWT Click to download

File Size   76.71 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1250V - 50A - IGBT Application: Inverter

RJP1CS04DWT Datasheet (HTML) - Renesas Technology Corp


RJP1CS04DWT Product details

Features
• Low collector to emitter saturation voltage
   VCE(sat) = 1.8 V typ. (at IC = 50 A, VGE = 15 V, Ta = 25°C)
• High speed switching
• Short circuit withstands time (10 μs min.)




Similar Part No. - RJP1CS04DWT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS04DWTRJP1CS04DWT RENESAS-RJP1CS04DWTRJP1CS04DWT_15 Datasheet
75Kb / 4P
1250V - 50A - IGBT Application: Inverter
More results


Similar Description - RJP1CS04DWT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS08DWT RENESAS-RJP1CS08DWT Datasheet
77Kb / 4P
1250V - 200A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT Datasheet
77Kb / 4P
1250V - 100A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT Datasheet
77Kb / 4P
1250V - 30A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT Datasheet
77Kb / 4P
1250V - 75A - IGBT Application: Inverter
RJP1CS03DWT RENESAS-RJP1CS03DWT_15 Datasheet
65Kb / 4P
1250V - 30A - IGBT Application: Inverter
RJP1CS04DWTRJP1CS04DWT RENESAS-RJP1CS04DWTRJP1CS04DWT_15 Datasheet
75Kb / 4P
1250V - 50A - IGBT Application: Inverter
RJP1CS05DWT RENESAS-RJP1CS05DWT_15 Datasheet
65Kb / 4P
1250V - 75A - IGBT Application: Inverter
RJP1CS06DWT RENESAS-RJP1CS06DWT_15 Datasheet
65Kb / 4P
1250V - 100A - IGBT Application: Inverter
RJP1CS07DWT RENESAS-RJP1CS07DWT_15 Datasheet
66Kb / 4P
1250V - 150A - IGBT Application: Inverter
RJP1CS08DWT RENESAS-RJP1CS08DWT_15 Datasheet
65Kb / 4P
1250V - 200A - IGBT Application: Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com